Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT4316D Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74HCT4316D
Descripción Electrónicos  Quad bilateral switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4316D Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT4316D Datasheet HTML 1Page - NXP Semiconductors 74HCT4316D Datasheet HTML 2Page - NXP Semiconductors 74HCT4316D Datasheet HTML 3Page - NXP Semiconductors 74HCT4316D Datasheet HTML 4Page - NXP Semiconductors 74HCT4316D Datasheet HTML 5Page - NXP Semiconductors 74HCT4316D Datasheet HTML 6Page - NXP Semiconductors 74HCT4316D Datasheet HTML 7Page - NXP Semiconductors 74HCT4316D Datasheet HTML 8Page - NXP Semiconductors 74HCT4316D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
September 1993
5
Philips Semiconductors
Product specification
Quad bilateral switches
74HC/HCT4316
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Voltages are referenced to VEE = GND (ground = 0 V)
Note to ratings
To avoid drawing VCC current out of terminal Z, when switch current flows in terminals Yn, the voltage drop across the
bidirectional switch must not exceed 0.4 V. If the switch current flows into terminals Z, no VCC current will flow out of
terminal Yn. In this case there is no limit for the voltage drop across the switch, but the voltages at Yn and Z may not
exceed VCC or VEE.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VCC
DC supply voltage
−0.5
+11.0
V
±I
IK
DC digital input diode current
20
mA
for VI <−0.5 V or VI > VCC + 0.5 V
±ISK
DC switch diode current
20
mA
for VS <−0.5 V or VS > VCC + 0.5 V
±I
S
DC switch current
25
mA
for
−0.5 V < VS < VCC + 0.5 V
±I
EE
DC VEE current
20
mA
±I
CC;
±IGND
DC VCC or GND current
50
mA
Tstg
storage temperature range
−65
+150
°C
Ptot
power dissipation per package
for temperature range:
−40 to +125 °C
74HC/HCT
plastic DIL
750
mW
above
+70 °C: derate linearly with 12 mW/K
plastic mini-pack (SO)
500
mW
above
+70 °C: derate linearly with 8 mW/K
PS
power dissipation per switch
100
mW
SYMBOL
PARAMETER
74HC
74HCT
UNIT
CONDITIONS
min.
typ. max. min. typ. max.
VCC
DC supply voltage VCC−GND
2.0
5.0
10.0
4.5
5.0
5.5
V
see Figs 6 and 7
VCC
DC supply voltage VCC−VEE
2.0
5.0
10.0
2.0
5.0
10.0
V
see Figs 6 and 7
VI
DC input voltage range
GND
VCC
GND
VCC
V
VS
DC switch voltage range
VEE
VCC
VEE
VCC
V
Tamb
operating ambient temperature range
−40
+85
−40
+85
°C
see DC and AC
CHARACTERISTICS
Tamb
operating ambient temperature range
−40
+125 −40
+125 °C
tr, tf
input rise and fall times
6.0
1000
500
400
250
6.0
500
ns
VCC = 2.0 V
VCC = 4.5 V
VCC = 6.0 V
VCC = 10.0 V


Número de pieza similar - 74HCT4316D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HCT4316D NEXPERIA-74HCT4316D Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
More results

Descripción similar - 74HCT4316D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com