Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC58NVG0S3AFT05 Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TC58NVG0S3AFT05
Descripción Electrónicos  1 GBIT (128M 횞 8 BITS) CMOS NAND EEPROM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58NVG0S3AFT05 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC58NVG0S3AFT05 Datasheet HTML 1Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 2Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 3Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 4Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 5Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 6Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 7Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 8Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TC58NVG0S3AFT05
2003-08-20A
2/33
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
SYMBOL
RATING
VALUE
UNIT
VCC
Power Supply Voltage
−0.6 to 4.6
V
VIN
Input Voltage
−0.6 to 4.6
V
VI/O
Input /Output Voltage
−0.6 V to VCC + 0.3 V (≤ 4.6 V)
V
PD
Power Dissipation
0.3
W
TSOLDER
Soldering Temperature (10 s)
260
°C
TSTG
Storage Temperature
−55 to 150
°C
TOPR
Operating Temperature
0 to 70
°C
CAPACITANCE *(Ta
==== 25°C, f ==== 1 MHz)
SYMB0L
PARAMETER
CONDITION
MIN
MAX
UNIT
CIN
Input
VIN = 0 V
10
pF
COUT
Output
VOUT = 0 V
10
pF
* This parameter is periodically sampled and is not tested for every device.
I/O
Control
circuit
Status register
Address register
Command register
Column buffer
Column decoder
Data register
Sense amp
Memory
cell array
Control
circuit
HV generator
Logic
control
BY
/
RY
VCC
I/O1
VSS
I/O8
to
WP
CE
CLE
ALE
WE
RE
BY
/
RY


Número de pieza similar - TC58NVG0S3AFT05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3HBAI4 TOSHIBA-TC58NVG0S3HBAI4 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
logo
KIOXIA Corporation
TC58NVG0S3HBAI4 KIOXIA-TC58NVG0S3HBAI4 Datasheet
456Kb / 52P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
logo
Toshiba Semiconductor
TC58NVG0S3HBAI4 TOSHIBA-TC58NVG0S3HBAI4 Datasheet
868Kb / 2P
   SLC NAND & BENAND Reliability and Performance
TC58NVG0S3HBAI4 TOSHIBA-TC58NVG0S3HBAI4 Datasheet
2Mb / 20P
   Flash Memory
Mar. 2016
More results

Descripción similar - TC58NVG0S3AFT05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TH58NS100DC TOSHIBA-TH58NS100DC Datasheet
432Kb / 43P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 - GBIT (128M X 8 BITS) CMOS NAND E2PROM ( 128M BYTE SmartMediaTM )
logo
Elite Semiconductor Mem...
F59L1G81MB ESMT-F59L1G81MB Datasheet
1Mb / 51P
   1 Gbit (128M x 8) 3.3V NAND Flash Memory
F59L1G81LB ESMT-F59L1G81LB Datasheet
1Mb / 49P
   1 Gbit (128M x 8) 3.3V NAND Flash Memory
logo
Toshiba Semiconductor
TH58NVG5S0FTA20 TOSHIBA-TH58NVG5S0FTA20 Datasheet
677Kb / 73P
   32 GBIT (4G 횞 8 BIT) CMOS NAND E2PROM
TC58128AFT TOSHIBA-TC58128AFT Datasheet
617Kb / 33P
   128-MBIT (16M 횞 8 BITS) CMOS NAND E2PROM
logo
Samsung semiconductor
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
logo
Elite Semiconductor Mem...
F59D1G81MA ESMT-F59D1G81MA Datasheet
1Mb / 51P
   1 Gbit (128M x 8/ 64M x 16) 1.8V NAND Flash Memory
F59D1G81MB ESMT-F59D1G81MB Datasheet
1Mb / 54P
   1 Gbit (128M x 8/ 64M x 16) 1.8V NAND Flash Memory
F59D1G81LB ESMT-F59D1G81LB Datasheet
1Mb / 53P
   1 Gbit (128M x 8/ 64M x 16) 1.8V NAND Flash Memory
logo
Toshiba Semiconductor
TH58BYG3S0HBAI4 TOSHIBA-TH58BYG3S0HBAI4 Datasheet
2Mb / 54P
   8 GBIT (1G × 8 BIT) CMOS NAND E2PROM
2018-06-01C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com