Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8230 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD8230
Descripción Electrónicos  16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8230 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8230 Datasheet HTML 7Page - Analog Devices AD8230 Datasheet HTML 8Page - Analog Devices AD8230 Datasheet HTML 9Page - Analog Devices AD8230 Datasheet HTML 10Page - Analog Devices AD8230 Datasheet HTML 11Page - Analog Devices AD8230 Datasheet HTML 12Page - Analog Devices AD8230 Datasheet HTML 13Page - Analog Devices AD8230 Datasheet HTML 14Page - Analog Devices AD8230 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8230
Rev. 0 | Page 11 of 16
TEMPERATURE (
°C)
150
–50
0
50
100
0
–1
–2
–3
–4
–5
RF = 100kΩ, RG = 1kΩ
RF = 10kΩ, RG = 100Ω
Figure 30. Effect of Feedback Resistor on Offset Voltage Drift
LEVEL-SHIFTING THE OUTPUT
A reference voltage, as shown in Figure 31, can be used to level-
shift the output 1 V from midsupply. Otherwise, it is nominally
tied to midsupply. The voltage source used to level-shift the
output should have a low output impedance to avoid contribut-
ing to gain error. In addition, it should be able to source and
sink current. To minimize offset voltage, the VREF pins should be
connected either to the local ground or to a reference voltage
source that is connected to the local ground.
2
6
1
7
5
8
4
3
AD8230
VOUT
–VS
+VS
0.1
µF
RG
RF
VLEVEL-SHIFT =
(+VS +–VS)
2
± 1V
0.1
µF
Figure 31. Level-Shifting the Output
SOURCE IMPEDANCE AND INPUT SETTLING TIME
The input stage of the AD8230 consists of two actively driven,
differential switched capacitors, as described in Figure 27 and
Figure 28. Differential input signals are sampled on CSAMPLE such
that the associated parasitic capacitances, 70 pF, are balanced
between the inputs to achieve high common-mode rejection.
On each sample period (approximately 85 µs), these parasitic
capacitances must be recharged to the common-mode voltage
by the signal source impedance (10 kΩ max).
INPUT VOLTAGE RANGE
The input common-mode range of the AD8230 is rail to rail.
However, the differential input voltage range is limited to,
approximately, 750 mV. The AD8230 does not phase invert
when its inputs are overdriven.
INPUT PROTECTION
The input voltage is limited to within one diode drop beyond
the supply rails by the internal ESD protection diodes. Resistors
and low leakage diodes may be used to limit excessive, external
voltage and current from damaging the inputs, as shown in
Figure 32. Figure 34 shows an overvoltage protection circuit
between the thermocouple and the AD8230.
2
6
1
7
5
8
4
3
AD8230
VOUT
–VS
+VS
0.1
µF
200
19.1k
BAV199
–VS
+VS
2.49k
2.49k
BAV199
–VS
+VS
0.1
µF
Figure 32. Overvoltage Input Protection
POWER SUPPLY BYPASSING
A regulated dc voltage should be used to power the instrumen-
tation amplifier. Noise on the supply pins may adversely affect
performance. Bypass capacitors should be used to decouple
the amplifier.
The AD8230 has internal clocked circuitry that requires
adequate supply bypassing. A 0.1 µF capacitor should be placed
as close to each supply pin as possible. As shown in Figure 29,
a 10 µF tantalum capacitor may be used further away from
the part.
POWER SUPPLY BYPASSING FOR MULTIPLE
CHANNEL SYSTEMS
The best way to prevent clock interference in multichannel
systems is to lay out the PCB with a star node for the positive
supply and a star node for the negative supply. Each AD8230
has a pair of traces leading to the star nodes. Using such a tech-
nique, crosstalk between clocks is minimized. If laying out star
nodes is unfeasible, then use thick traces to minimize parasitic
inductance and decouple frequently along the power supply
traces. Examples are shown in Figure 33. Care and forethought
go a long way in maximizing performance.


Número de pieza similar - AD8230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8230-EVAL AD-AD8230-EVAL Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
AD8230YRZ-REEL1 AD-AD8230YRZ-REEL1 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
AD8230YRZ-REEL71 AD-AD8230YRZ-REEL71 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
AD8230YRZ1 AD-AD8230YRZ1 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
More results

Descripción similar - AD8230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com