Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD060SC150A Datasheet(PDF) 1 Page - Sensitron

No. de Pieza. SD060SC150A
Descripción  SILICON SCHOTTKY RECTIFIER DIE Low Forward Voltage Drop (200 C TJ Operation)
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SENSITRON [Sensitron]
Página de inicio  http://www.sensitron.com
Logo 

SD060SC150A Datasheet(HTML) 1 Page - Sensitron

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSITRON
SEMICONDUCTOR
œ 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 œ
œ World Wide Web Site - http://www.sensitron.com œ E-Mail Address - sales@sensitron.com œ
SD060SC150A/B
Technical Data
Data Sheet 4961, Rev.-
SILICON SCHOTTKY RECTIFIER DIE
Low Forward Voltage Drop (200
•C T
J Operation)
Applications:
œ Switching Power Supply œ Converters œ Free-Wheeling Diodes œ Polarity Protection Diode
Features:
œ Soft Reverse Recovery at Low and High Temperature
œ Low Forward Voltage Drop
œ Low Power Loss, High Efficiency
œ High Surge Capacity
œ Guard Ring for Enhanced Durability and Long Term Reliability
œ Guaranteed Reverse Avalanche Characteristics
œ Electrically / Mechanically Stable during and after Packaging
Maximum Ratings(1):
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
150
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form
3
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave (1)
55
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25
•C, I
AS = 1.3 A,
L = 10 mH
5.0
mJ
Repetitive Avalanche Current
IAR
IAS decay linearly to 0 in 1
ms
‹ limited by T
J max VA=1.5VR
1.3
A
Max. Junction Temperature
TJ
-
-65 to +200
•C
Max. Storage Temperature
Tstg
-
-65 to +200
•C
Electrical Characteristics(1):
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 3A, Pulse, TJ = 25
•C
0.84
V
VF2
@ 3A, Pulse, TJ = 125
•C
0.68
V
Max. Reverse Current
IR1
@VR = 150V, Pulse,
TJ = 25
•C
0.07
mA
IR2
@VR = 150V, Pulse,
TJ = 125
•C
1.6
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25
•C
fSIG = 1MHz,
VSIG = 50mV (p-p)
100
pF
(1) in SHD package


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn