Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC6323AD Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74HC6323AD
Descripción Electrónicos  Programmable ripple counter with oscillator; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC6323AD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC6323AD Datasheet HTML 5Page - NXP Semiconductors 74HC6323AD Datasheet HTML 6Page - NXP Semiconductors 74HC6323AD Datasheet HTML 7Page - NXP Semiconductors 74HC6323AD Datasheet HTML 8Page - NXP Semiconductors 74HC6323AD Datasheet HTML 9Page - NXP Semiconductors 74HC6323AD Datasheet HTML 10Page - NXP Semiconductors 74HC6323AD Datasheet HTML 11Page - NXP Semiconductors 74HC6323AD Datasheet HTML 12Page - NXP Semiconductors 74HC6323AD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
September 1993
9
Philips Semiconductors
Product specification
Programmable ripple counter with
oscillator; 3-state
74HC/HCT6323A
Note to the HCT DC Characteristics
1. The value of additional quiescent supply current (
∆ICC) for unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
UNIT LOAD COEFFICIENT
VOL
LOW level
output
voltage X2
output
−−
0.26
0.33
0.4
V
4.5
X1 = VCC
and
MR = VCC
IO = 2.6 mA
0
0.1
0.1
0.1
V
4.5
X1 = VCC
and
MR = VCC
IO = 20 µA
VOL
LOW level
output voltage
OUT
0
0.1
0.1
0.1
V
4.5
VIH or VIL
IO = 20 µA
VOL
LOW level
output voltage
OUT
−−
0.26
0.33
0.4
V
4.5
VIH or VIL
IO = 6 mA
±I
LI
input leakage
current
−−
0.1
1.0
1.0
µA
5.5
MR = VCC;
S1 = VCC;
S2 = VCC
−II
input pull-up
current S1, S2
and MR
5
25
100
−−−−µA
5.5
GND
see Fig.11
and Fig.12
ICC
quiescent
supply current
−−
8
80
160
µA
5.5
VCC or
GND
Io =0
∆I
CC
additional
quiescent
supply current
per input pin
for unit load
coefficient is 1
100
360
450
490
µA
5.5
VCC or
GND
other inputs
at VCC or
GND; Io =0;
(note 1)
INPUT
UNIT LOAD COEFFICIENT
MR, S1, S2
0.40
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITION
25
−40 to 85
−40 to 125
VCC
(V)
VI
OTHER
MIN
TYP
MAX
MIN
MAX
MIN
MAX


Número de pieza similar - 74HC6323AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC6323AD NEXPERIA-74HC6323AD Datasheet
256Kb / 22P
   Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
More results

Descripción similar - 74HC6323AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC9323A PHILIPS-74HC9323A Datasheet
44Kb / 6P
   Programmable ripple counter with oscillator 3-State
1995 Oct 27
logo
Nexperia B.V. All right...
74HCT6323A NEXPERIA-74HCT6323A Datasheet
256Kb / 22P
   Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A_06 Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com