Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC640D Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74HC640D
Descripción Electrónicos  Octal bus transceiver; 3-state; inverting
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC640D Datasheet(HTML) 6 Page - NXP Semiconductors

  74HC640D Datasheet HTML 1Page - NXP Semiconductors 74HC640D Datasheet HTML 2Page - NXP Semiconductors 74HC640D Datasheet HTML 3Page - NXP Semiconductors 74HC640D Datasheet HTML 4Page - NXP Semiconductors 74HC640D Datasheet HTML 5Page - NXP Semiconductors 74HC640D Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
March 1988
6
Philips Semiconductors
Product specification
Octal bus transceiver; 3-state; inverting
74HC/HCT640
AC WAVEFORMS
Fig.5
Waveforms showing the input (An, Bn) to
output (Bn, An) propagation delays and the
output transition times.
(1)
HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.6
Waveforms showing the 3-state enable and
disable times.
(1)
HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Número de pieza similar - 74HC640D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC643 PHILIPS-74HC643 Datasheet
52Kb / 6P
   Octal bus transceiver; 3-state; true/inverting
December 1990
74HC646 PHILIPS-74HC646 Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
74HC646D PHILIPS-74HC646D Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
74HC646DB PHILIPS-74HC646DB Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
74HC646N PHILIPS-74HC646N Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
More results

Descripción similar - 74HC640D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
KODENSHI_AUK CORP.
KK74LV620 KODENSHI-KK74LV620 Datasheet
266Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
KK74LV640 KODENSHI-KK74LV640 Datasheet
268Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74ACT640 INTEGRAL-IN74ACT640 Datasheet
211Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74HC640A INTEGRAL-IN74HC640A Datasheet
148Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com