Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS9LTUJ Datasheet(PDF) 1 Page - Raltron Electronics Corporation |
|
CS9LTUJ Datasheet(HTML) 1 Page - Raltron Electronics Corporation |
1 / 3 page CLOCK Page 1 of 3 RAL T RON EL ECT R ONICS CORP. ! 10651 N . W . 19 th St ! Mi ami, Florida 33172 ! U.S.A. phone: (305) 593-6033 ! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com CS9L/CSPL SERIES: ULTRA HF CLOCK OSCILLATOR, PECL, +3.3 VDC or +2.5VDC DESCRIPTION: A crystal controlled, high frequency, highly stable oscillator, adhering to Positive Emitter Coupled Logic (PECL) Standards and fundamental crystal or analog multiplication technologies. The output can be Tri-stated to facilitate testing or combined multiple clocks. The device is contained in a sub-miniature, very low profile, leadless ceramic SMD package with 6 gold contact pads. This miniature oscillator is ideal for today's automated assembly environments. APPLICATIONS AND FEATURES: " Infiniband; Fiber Channel; SATA; 10GbE; Network Processors; SOHO Routing; Switches; " Common Frequencies: 150 MHz; 156.25 MHz; 155.52 MHz; 161.1328 MHz; 212.5MHz; 312.5MHz " +3.3 VDC or +2.5VDC PECL " Frequency Range from 150.000 to 700 MHz " Analog multiplication " Miniature Ceramic SMD Package Available on Tape and Reel " Lead Free and ROHS Compliant $ $ $ $ ABSOLUTE MAXIMUM RATINGS: PARAMETER SYMBOL VALUE UNIT Operating temperature range Ta -40…+85 °C Storage temperature range T(stg) -55…+90 °C Supply voltage Vcc +4.6 VDC Maximum Input Voltage Vi Vss-0.5…Vcc+0.5 VDC Maximum Output Voltage Vo Vss-0.5…Vcc+0.5 VDC $ $ $ $ ELECTRICAL PARAMETERS: PARAMETER SYMBO L TEST CONDITIONS *1 VALUE UNIT Nominal Frequency fo 150.000 ~ 700.00** MHz Supply Voltage Vcc +3.3 or +2.5 ±5% VDC Supply Current Is 80.0 MAX mA Output Logic Type PECL Load Connected between each output and Vcc – 2.0 VDC 50 Ω Output Voltage Levels Voh Vol min max Vcc-1.025 Vcc-1.620 VDC VDC Duty Cycle DC Measured at 50% of Vcc 40/60 to 60/40 or 45/55 to 55/45 % Rise / Fall Time tr / tf Measured at 20/80% and 80/20% Vcc Levels 0.7 TYP 1.0 MAX *2 ns Integrated Phase tji RMS, Fj = 12 kHz…20 MHz 5 0.3 TYP** ps Integrated Phase RMS tii offset frequency 50KHz to 80MHz 5 0.5 TYP** ps Fo<320MHz. 1 TYP ** Deterministic period Jitter Dj using wavecrest analyzer 4 Fo>320MHz. 8 TYP ** ps Fo<320MHz. 2.5 TYP ** Random period Jitter Rj using wavecrest analyzer 4 Fo>320MHz. 2.5 TYP** ps Fo<320MHz. 25 TYP** Jitter J Acumm. Peak to Peak Jitter Tp-p using wavecrest analyzer *4 Fo>320MHz. 27 TYP** ps Phase Noise £( ∆f) typ. @212.5MHz 6 ∆f=10 Hz ∆f=100 Hz ∆f=1 KHz ∆f=10 KHz ∆f=100 KHz ∆f>1M Hz -65 -95 -125 -140 -145 -148 dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz Fo<320MHz. -50 Sub Harmonics f_sub Load, nom, Supply nom Fo>320MHz. -35 dBc Overall Frequency Stability ∆f/fc Op. Temp., Aging, Load, Supply and Cal. Variations ±20, ±25, ±50, or ±100 MAX*3 ppm Pin 1 Output Enabled Output Disabled En Dis High Voltage or No Connect Ground 0.7 •Vcc MIN 0.3 •Vcc MAX VDC VDC |
Número de pieza similar - CS9LTUJ |
|
Descripción similar - CS9LTUJ |