Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CSPLTSK Datasheet(PDF) 2 Page - Raltron Electronics Corporation |
|
CSPLTSK Datasheet(HTML) 2 Page - Raltron Electronics Corporation |
2 / 3 page CLOCK Page 2 of 3 RAL T RON EL ECT R ONICS CORP. ! 10651 N . W . 19 th St ! Mi ami, Florida 33172 ! U.S.A. phone: (305) 593-6033 ! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com 123 4 5 6 .276 ±.008 7.0 ±0.2 INDICATES PIN 1. .079 MAX. 2.00 MAX. .200 .100 5.08 2.54 .055 1.40 TYP. .079 TYP. 2.00 TYP. .100 2.54 .071 1.80 SOLDER PATTERN 2.20 .087 *1 Test Conditions Unless Stated Otherwise: Nominal Vcc, Nominal Load, +25 ±3°C *2 Frequency Dependent *3 Not All Stabilities Available With All Temperature Ranges—Please Consult Factory For Availability *4 Measured with Wavecrest SIA-3000A 1,000,000 Hits no filtering *5 Calculated from Agilent 5500 phase noise measurements *6 Measured with Agilent 5500 $ $ $ $ PART NUMBERING SYSTEM: SERIES SYMMETRY TEMPERATURE RANGE (°C) FREQUENCY STABILITY (Overall) FREQUENCY (MHz) CS9L: UHF +3.3Vdc Clock with PECL Comp. Output CSPL: UHF +2.5Vdc Clock with PECL Comp. Output A: 40/60 to 60/40% T: 45/55 to 55/45% R: 0…+50 S: 0…+70 U: -20…+70 V: -40…+85** K: ±20 ppm** I: ±25 ppm** H: ±50 ppm J: ±100 ppm 150.000…700.000 EXAMPLE: CS9LASH-155.520 Clock Oscillator, 7x5mm Package, +3.3 VDC Supply Voltage, PECL Output, Standard Symmetry, 0…+70 °C Operating Temperature Range, ±50 ppm Total Frequency Stability, 155.520 MHz **Above 300MHz extended temp range and ±25ppm stability may not be available, jitter may vary upon spec requirements. Please consult the factory for any custom requirements. $ $ $ $ MECHANICAL PARAMETERS: OUTLINE TOLERANCE: ±0.006” / 0.15mm (Unless otherwise specified) PIN FUNCTIONS: [1] ENABLE/ DISABLE [2] NO CONNECT [3] CASE GROUND [4] OUTPUT [5] COMP. OUTPUT [6] SUPPLY VOLTAGE MARKING: CS9LASH 155.52 RAL D/C *0.01 µµµµF external by-pass filter is recommended as seen on solder pattern. |
Número de pieza similar - CSPLTSK |
|
Descripción similar - CSPLTSK |