Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BXF200 Datasheet(PDF) 3 Page - Artesyn Technologies

No. de pieza BXF200
Descripción Electrónicos  72-132W Wide Input DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ARTESYN [Artesyn Technologies]
Página de inicio  
Logo ARTESYN - Artesyn Technologies

BXF200 Datasheet(HTML) 3 Page - Artesyn Technologies

  BXF200 Datasheet HTML 1Page - Artesyn Technologies BXF200 Datasheet HTML 2Page - Artesyn Technologies BXF200 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mechanical Notes
1
All dimensions in INCHES (mm).
2
Tolerance: x.xx ±0.02in. (0.51mm).
x.xxx ±0.010in. (0.254mm).
3
All pins are tin/lead plated brass.
TOP VIEW
WITH OVERALL DIMENSIONS
2.40
(61.0)
2.00
(50.8)
THREADED
INSERTS
M3 x 0.5
THROUGH
4 PLACES
4.20 (106.7)
4.60 (116.8)
SIDE VIEW
0.53 (13.5)
0.00 (0.0)
0.20 (5.1) MIN.
2.600 (66.04)
2
1
6
5
2
1
6
5
BOTTOM VIEW
PIN DETAILS
0.062
± 0.002 (1.57 ± 0.05) DIA.
11 PLACES
BOTTOM VIEW
DIMENSIONAL DETAILS
0.100 (2.54)
5 PLACES
0.200 (5.08)
7 PLACES
0.040
± 0.002 (1.02 ± 0.05) DIA.
3 PLACES
0.040
± 0.002 (1.02 ± 0.05) DIA.
6 PLACES
CASE
S2
VOUT-
VOUT-
VOUT-
VOUT-
VOUT+
VOUT+
VOUT+
VOUT+
S1
PRI ENABLE
VIN-
VIN+
0.50 (12.7)
1.50 (38.1)
0.000 (0.00)
0.100 (2.54)
4.20 (106.7)
4.40 (111.8)
2.600 (66.04)
0.000 (0.00)
0.20 (5.1)
0.70 (17.8)
0.500 (12.70)
0.000 (0.00)
0.300 (7.62)
0.500 (12.70)
0.700 (17.78)
0.900 (22.86)
1.20 (30.48)
1.50 (38.1)
1.70 (43.2)
4
3
4
3
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
BXF200 Series
Single output
DC/DC CONVERTERS
72-132W Wide Input DC/DC Converters
3
Please consult our website for the following items:
Application Note
www.artesyn.com
File Name: BXF200.PDF Rev: 10 Jan 2001


Número de pieza similar - BXF200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Artesyn Technologies
BXF250 ARTESYN-BXF250 Datasheet
59Kb / 3P
   90-165W Wide Input DC/DC Converters
BXF250-48S1V8L ARTESYN-BXF250-48S1V8L Datasheet
59Kb / 3P
   90-165W Wide Input DC/DC Converters
BXF250-48S2V0L ARTESYN-BXF250-48S2V0L Datasheet
59Kb / 3P
   90-165W Wide Input DC/DC Converters
BXF250-48S2V5L ARTESYN-BXF250-48S2V5L Datasheet
59Kb / 3P
   90-165W Wide Input DC/DC Converters
BXF250-48S3V3L ARTESYN-BXF250-48S3V3L Datasheet
59Kb / 3P
   90-165W Wide Input DC/DC Converters
More results

Descripción similar - BXF200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
   3W Wide Input DC/DC Converters
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
BXF400 ARTESYN-BXF400 Datasheet
158Kb / 3P
   264W Wide Input DC/DC Converters
BXA40 ARTESYN-BXA40 Datasheet
74Kb / 3P
   40W Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
List of Unclassifed Man...
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
   30 Watt Wide input DC/DC converters
logo
Artesyn Technologies
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
   8-10W Wide Input DC/DC Converters
BXB50 ARTESYN-BXB50 Datasheet
74Kb / 3P
   33-50W Wide Input DC/DC Converters
BXB100 ARTESYN-BXB100 Datasheet
74Kb / 3P
   66-100W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com