Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0603KRCT Datasheet(PDF) 7 Page - HB Electronic Components

No. de pieza 0603KRCT
Descripción Electrónicos  SURFACE MOUNT DEVICE LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HB [HB Electronic Components]
Página de inicio  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

0603KRCT Datasheet(HTML) 7 Page - HB Electronic Components

Back Button 0603KRCT Datasheet HTML 2Page - HB Electronic Components 0603KRCT Datasheet HTML 3Page - HB Electronic Components 0603KRCT Datasheet HTML 4Page - HB Electronic Components 0603KRCT Datasheet HTML 5Page - HB Electronic Components 0603KRCT Datasheet HTML 6Page - HB Electronic Components 0603KRCT Datasheet HTML 7Page - HB Electronic Components 0603KRCT Datasheet HTML 8Page - HB Electronic Components 0603KRCT Datasheet HTML 9Page - HB Electronic Components 0603KRCT Datasheet HTML 10Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SURFACE MOUNT DEVICE LED
Part No. :
0603KRCT
REV:A / 03
Cleaning
If cleaning is required , use the following solutions for less than 1 minute and less than 40℃.
Appropriate chemicals: Ethyl alcohol and isopropyl alcohol.
Effect of ultrasonic cleaning on the LED resin body differs depending on such factors as
the oscillator output, size of PCB and LED mounting method. The use of ultrasonic
cleaning should be enforced at proper output after confirming there is no problem.
Suggest Soldering Pad Dimensions
Direction of PWB camber
and go to reflow furnace
Suggest IR Reflow Soldering Profile Condition:
+5℃/sec
(MAX)
Cooling
-5℃/sec
(MAX)
Time
240° C(MAX)
CC
Rising
+5℃/sec
(MAX)
DRAWING NO. : DS-74-03-0007
DATE : 2004-06-07
PAGE
7 of 10


Número de pieza similar - 0603KRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HB Electronic Component...
0603KGCT HB-0603KGCT Datasheet
108Kb / 3P
   SMD
0603KYCT HB-0603KYCT Datasheet
111Kb / 3P
   SMD
More results

Descripción similar - 0603KRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HB Electronic Component...
0603LGCT HB-0603LGCT Datasheet
811Kb / 10P
   SURFACE MOUNT DEVICE LED
logo
PARA LIGHT ELECTRONICS ...
L-T670KGCT PARALIGHT-L-T670KGCT Datasheet
745Kb / 14P
   SURFACE MOUNT DEVICE LED
L-T670WDT-NW2-Q PARALIGHT-L-T670WDT-NW2-Q Datasheet
297Kb / 17P
   SURFACE MOUNT DEVICE LED
L-T2835WDT-NW1-Q PARALIGHT-L-T2835WDT-NW1-Q Datasheet
222Kb / 15P
   SURFACE MOUNT DEVICE LED
L-T670WDT-CW1 PARALIGHT-L-T670WDT-CW1 Datasheet
882Kb / 16P
   SURFACE MOUNT DEVICE LED
L-C155TBJSCT-5A PARALIGHT-L-C155TBJSCT-5A Datasheet
234Kb / 13P
   SURFACE MOUNT DEVICE LED
L-C170JGCT PARALIGHT-L-C170JGCT Datasheet
273Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JYCT PARALIGHT-L-C170JYCT Datasheet
301Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170LBCT PARALIGHT-L-C170LBCT Datasheet
307Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170WDT PARALIGHT-L-C170WDT Datasheet
294Kb / 15P
   SURFACE MOUNT DEVICE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com