Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT1284N Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74HCT1284N
Descripción Electrónicos  Parallel printer interface transceiver/buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1284N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT1284N Datasheet HTML 2Page - NXP Semiconductors 74HCT1284N Datasheet HTML 3Page - NXP Semiconductors 74HCT1284N Datasheet HTML 4Page - NXP Semiconductors 74HCT1284N Datasheet HTML 5Page - NXP Semiconductors 74HCT1284N Datasheet HTML 6Page - NXP Semiconductors 74HCT1284N Datasheet HTML 7Page - NXP Semiconductors 74HCT1284N Datasheet HTML 8Page - NXP Semiconductors 74HCT1284N Datasheet HTML 9Page - NXP Semiconductors 74HCT1284N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74HCT1284
Parallel printer interface transceiver/buffer
1998 Jul 10
6
TEST CIRCUITS AND WAVEFORM
D.U.T
VCC
IO
VOH/2
VOH is the voltage when 10µA is drawn from the high output.
IO is measured by forcing VOH/2 on the output. RD can then
be calculated using the equation RD = |VOH/2IO| .
SK00007
Figure 1. Output Impedance RD
PULSE
GENERATOR
RT
VIN
D.U.T
VOUT
50pF
VCC
Test Circuit for Bn or Yn Outputs
SWITCH POSITION
Bn or Yn Outputs
TEST
SWITCH
tPLH
GND
tPHL
VCC
tPZH
GND
tPHZ
GND
tPZL
VCC
tPLZ
VCC
35
W
S1
GND
VCC
62
W
PULSE
GENERATOR
RT
VIN
D.U.T
VOUT
CL
RL
VCC
Test Circuit for An Outputs
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tf)
tTLH (tr)tTHL (tf)
tTLH (tr)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tr
tf
74HCT
3.0V
1MHz
500ns
3ns
3ns
SK00008


Número de pieza similar - 74HCT1284N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT123 PHILIPS-74HCT123 Datasheet
124Kb / 17P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HCT123 NXP-74HCT123 Datasheet
155Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-13 July 2009
74HCT123 PHILIPS-74HCT123 Datasheet
295Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 8-16 December 2011
logo
Nexperia B.V. All right...
74HCT123 NEXPERIA-74HCT123 Datasheet
322Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 12 - 11 August 2021
74HCT123-Q100 NEXPERIA-74HCT123-Q100 Datasheet
315Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 3.1 - 3 September 2020
More results

Descripción similar - 74HCT1284N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1284 PHILIPS-74LVC1284 Datasheet
100Kb / 10P
   3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
PDI1284P11 PHILIPS-PDI1284P11 Datasheet
140Kb / 12P
   3.3V Parallel interface transceiver/buffer
1999 Sep 17
logo
List of Unclassifed Man...
EDE1400 ETC1-EDE1400 Datasheet
184Kb / 7P
   Parallel-Printer Interface IC
logo
Nexperia B.V. All right...
PDI1284P11 NEXPERIA-PDI1284P11 Datasheet
237Kb / 14P
   3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
logo
NXP Semiconductors
PDI1284P11 NXP-PDI1284P11 Datasheet
99Kb / 16P
   3.3 V parallel interface transceiver/buffer
Rev. 03-25 August 2008
logo
Mitsubishi Electric Sem...
M54610P MITSUBISHI-M54610P Datasheet
189Kb / 9P
   8-BIT PARALLEL DATA INTERFACE FOR PRINTER
logo
Gamewell-FCI by Honeywe...
RPI GAMEWELL-FCI-RPI Datasheet
61Kb / 1P
   Remote Printer Interface Module
logo
Purdy Electronics Corpo...
OPTO-3800S PURDY-OPTO-3800S Datasheet
720Kb / 1P
   Centronics Modems Printer Interface
logo
Micro Electronics
UM82C11 MICRO-ELECTRONICS-UM82C11 Datasheet
127Kb / 1P
   Printer Adapter Interface (PAI)
logo
UMC Corporation
UM82C11-C UMC-UM82C11-C Datasheet
517Kb / 9P
   Printer Adapter Interface (PAI)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com