Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6926D1013TR Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza L6926D1013TR
Descripción Electrónicos  HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6926D1013TR Datasheet(HTML) 5 Page - STMicroelectronics

  L6926D1013TR Datasheet HTML 1Page - STMicroelectronics L6926D1013TR Datasheet HTML 2Page - STMicroelectronics L6926D1013TR Datasheet HTML 3Page - STMicroelectronics L6926D1013TR Datasheet HTML 4Page - STMicroelectronics L6926D1013TR Datasheet HTML 5Page - STMicroelectronics L6926D1013TR Datasheet HTML 6Page - STMicroelectronics L6926D1013TR Datasheet HTML 7Page - STMicroelectronics L6926D1013TR Datasheet HTML 8Page - STMicroelectronics L6926D1013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
L6926
In this mode of operation, at light load, the device operates discontinuously based on the COMP pin voltage, in
order to keep the efficiency very high also in these conditions. While the device is not switching the load dis-
charges the output capacitor and the output voltage goes down. When the feedback voltage goes lower than
the internal reference, the COMP pin voltage increases and when an internal threshold is reached, the device
starts to switch. In these conditions the peak current limit is set approximately in the range of 200mA-400mA,
depending on the slope compensation (see related section).
Once the device starts to switch the output capacitor is recharged. The feedback pin increases and, when it
reaches a value slightly higher than the reference voltage, the output of the error amplifier goes down until a
clamp is activated. At this point, the device stops to switch. In this phase, most of the internal circuitries are off,
so reducing the device consumption down to a typical value of 25
µA.
4.1.2 Low Noise Mode
If for noise reasons, the very low frequencies of the low consumption mode are undesirable, the low noise mode
can be selected. In low noise mode, the efficiency is a little bit lower compared with the low consumption mode
in very light load conditions but for medium-high load currents the efficiency values are very similar.
Basically, the device switches with its internal free running frequency of 600KHz. Obviously, in very light load
conditions, the device could skip some cycles in order to keep the output voltage in regulation.
4.1.3 Synchronization
The device can also be synchronized with an external signal from 500KHz up to 1.4MHz.
In this case the low noise mode is automatically selected. The device will eventually skip some cycles in very
light load conditions.
The internal synchronization circuit is inhibited in shortcircuit and overvoltage conditions in order to keep the
protections effective (see relative sections).
4.2 Short Circuit Protection
During the device operation, the inductor current increases during the high side turn on phase and decrease
during the high side turn off phase based on the following equations:
In strong overcurrent or shortcircuit conditions the VOUT can be very close to zero. In this case ∆ION increases
and
∆IOFF decreases. When the inductor peak current reaches the current limit, the high side mosfet turns off
and so the TON is reduced down to the minimum value (250ns typ.) in order to reduce as much as possible ∆ION.
Anyway, if VOUT is low enough it can be that the inductor peak current further increases because during the
TOFF the current decays very slowly.
Due to this reason a second protection that fixes the maximum inductor valley current has been introduced. This
protection doesn't allow the high side MOSFET to turn on if the current flowing through the inductor is higher
that a specified threshold (valley current limit). Basically the TOFF is increased as much as required to bring the
inductor current down to this threshold.
So, the maximum peak current in worst case conditions will be:
Where IPEAK is the valley current limit (1.4A typ.) and TON_MIN is the minimum TON of the high side MOSFET.
4.3 Slope Compensation
∆I
ON
V
IN
V
OUT
()
L
----------------------------------- T
ON
=
∆I
OFF
V
OUT
()
L
------------------- T
OFF
=
I
PEAK
I
VALLEY
V
IN
L
--------- T
ON_MIN
+
=


Número de pieza similar - L6926D1013TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6926D1013TR STMICROELECTRONICS-L6926D1013TR Datasheet
203Kb / 17P
   High efficiency monolithic synchronous step down regulator
More results

Descripción similar - L6926D1013TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
   High efficiency monolithic synchronous step down regulator
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
   High efficiency monolithic synchronous step down regulator
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
logo
Linear Technology
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_08 Datasheet
260Kb / 16P
   High efficiency monolithic synchronous step down regulator
logo
Linear Technology
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926D STMICROELECTRONICS-L6926D Datasheet
90Kb / 8P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
L6928D STMICROELECTRONICS-L6928D Datasheet
197Kb / 9P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
February 2005 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com