Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4040D20ILP Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LM4040D20ILP
Descripción Electrónicos  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4040D20ILP Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4040D20ILP Datasheet HTML 7Page - Texas Instruments LM4040D20ILP Datasheet HTML 8Page - Texas Instruments LM4040D20ILP Datasheet HTML 9Page - Texas Instruments LM4040D20ILP Datasheet HTML 10Page - Texas Instruments LM4040D20ILP Datasheet HTML 11Page - Texas Instruments LM4040D20ILP Datasheet HTML 12Page - Texas Instruments LM4040D20ILP Datasheet HTML 13Page - Texas Instruments LM4040D20ILP Datasheet HTML 14Page - Texas Instruments LM4040D20ILP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
www.ti.com
LM4040x25I Electrical Characteristics
DVZ
DIZ
LM4040
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS456J – JANUARY 2005 – REVISED SEPTEMBER 2006
at industrial temperature range, full-range T
A = –40°C to 85°C (unless otherwise noted)
LM4040A25I
LM4040B25I
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VZ
Reverse breakdown voltage
IZ = 100 µA
25
°C
2.5
2.5
V
25
°C
–2.5
2.5
–5
5
Reverse breakdown voltage
∆V
Z
IZ = 100 µA
mV
tolerance
Full range
–19
19
–21
21
25
°C
45
75
45
75
IZ,min
Minimum cathode current
µA
Full range
80
80
IZ = 10 mA
25
°C
±20
±20
25
°C
±15
±15
Average temperature coefficient
α
VZ
IZ = 1 mA
ppm/
°C
of reverse breakdown voltage
Full range
±100
±100
IZ = 100 µA
25
°C
±15
±15
25
°C
0.3
0.8
0.3
0.8
IZ,min < IZ < 1 mA
Reverse breakdown voltage
Full range
1
1
change with cathode current
mV
25
°C
2.5
6
2.5
6
change
1 mA < IZ < 15 mA
Full range
8
8
IZ = 1 mA, f = 120 Hz,
ZZ
Reverse dynamic impedance
25
°C
0.3
0.8
0.3
0.8
IAC = 0.1 IZ
IZ = 100 µA,
eN
Wideband noise
25
°C
35
35
µV
RMS
10 Hz
≤ f ≤ 10 kHz
t = 1000 h,
Long-term stability of reverse
TA = 25°C ± 0.1°C,
120
120
ppm
breakdown voltage
IZ = 100 µA
VHYST Thermal hysteresis(1)
∆T
A = –40°C to 125°C
0.08
0.08
%
(1)
Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C).
11
Submit Documentation Feedback


Número de pieza similar - LM4040D20ILP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LM4040D20ILP VISHAY-LM4040D20ILP Datasheet
574Kb / 51P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4040D20ILP TI-LM4040D20ILP Datasheet
664Kb / 50P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D20ILP TI-LM4040D20ILP Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D20ILP TI-LM4040D20ILP Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D20ILP TI1-LM4040D20ILP Datasheet
975Kb / 55P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Descripción similar - LM4040D20ILP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com