Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMT05E-12W3V3J Datasheet(PDF) 6 Page - Artesyn Technologies

No. de pieza SMT05E-12W3V3J
Descripción Electrónicos  0.8 Vin - 3.63 Vin Single output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ARTESYN [Artesyn Technologies]
Página de inicio  
Logo ARTESYN - Artesyn Technologies

SMT05E-12W3V3J Datasheet(HTML) 6 Page - Artesyn Technologies

Back Button SMT05E-12W3V3J Datasheet HTML 2Page - Artesyn Technologies SMT05E-12W3V3J Datasheet HTML 3Page - Artesyn Technologies SMT05E-12W3V3J Datasheet HTML 4Page - Artesyn Technologies SMT05E-12W3V3J Datasheet HTML 5Page - Artesyn Technologies SMT05E-12W3V3J Datasheet HTML 6Page - Artesyn Technologies SMT05E-12W3V3J Datasheet HTML 7Page - Artesyn Technologies SMT05E-12W3V3J Datasheet HTML 8Page - Artesyn Technologies SMT05E-12W3V3J Datasheet HTML 9Page - Artesyn Technologies SMT05E-12W3V3J Datasheet HTML 10Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SXA10 Series
| 15W DC/DC
SMT05E Series | 5 A DC-DC Converters
E Class Non-Isolated
6
Input Characteristics
W3V3 Model
Electrical Characteristics - O/P
W3V3 Model
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Nominal set-point voltage
Vo (nom)
0.785
0.8
0.815
V DC
Vin = Vin (nom); Iout = Iout (nom)
Total regulation band
Vo
3
%
For all line, static load and
temperature until end of life
Line regulation
1
%Iout = Iout (nom);
Vin (min) to Vin (max)
Load regulation
1
%
Vin = Vin (nom);
Iout (min) to Iout (max)
Output current continuous
Iout
0
5
A DC
Output current - short circuit
Isc
2
4
A rms
Continuous, unit auto recovers
from short, Vo < 100mV
Output voltage - noise
Vp-p
60
mV pk-pk Measurement bandwidth:
Vrms
25
mV rms
20MHz. See Application Note
144 for measurement set-up
details
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input current - operating
Iin
1.5
1.6
A DC
Vin = Vin (nom); Iout = Iout
(max.); Vo = Vo (nom)
Reflected ripple current
Iin (ripple)
200
mA rms
Iout = Iout (max.), measured
without external filter
Input capacitance -
Cinput
9.4
µF
Internal to converter
internal filter
Input capacitance -
Cbypass
10
µF
Recommended customer
external bypass
added capacitance may be
required on source impedance
on customers applications
File Name :lf_smt05e_12.pdf Rev (03): 23 Dec 2005


Número de pieza similar - SMT05E-12W3V3J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Emerson Network Power
SMT05E-12W3V3J EMERSON-NETWORKPOWER-SMT05E-12W3V3J Datasheet
237Kb / 4P
   non-isolated dc-dc converters
logo
Artesyn Technologies
SMT05E-12W3V3J ARTESYN-SMT05E-12W3V3J_15 Datasheet
527Kb / 3P
   12 V Non-Isolated DC-DC Converters
More results

Descripción similar - SMT05E-12W3V3J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Artesyn Technologies
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
   0.8 Vin to 3.63 Vin Single output
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
   0.75 Vin to 3.63 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
   0.75 Vin to 3.63 Vin Single output
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
   3.3 Vin and 5 Vin single output
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
   3.0 Vin to 5.5 Vin Single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
   5 Vin and 12 Vin single output
logo
Artesyn Technologies
SIL15E ARTESYN-SIL15E Datasheet
564Kb / 23P
   3.0 Vin to 5.5 Vin Single output
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
   12 Vin single output
logo
Emerson Network Power
SMT30E EMERSON-NETWORKPOWER-SMT30E Datasheet
948Kb / 5P
   12 Vin single output
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
   12 Vin Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com