Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2931T-5.0 Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza LM2931T-5.0
Descripción Electrónicos  Low Dropout Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2931T-5.0 Datasheet(HTML) 3 Page - Motorola, Inc

  LM2931T-5.0 Datasheet HTML 1Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 2Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 3Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 4Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 5Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 6Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 7Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 8Page - Motorola, Inc LM2931T-5.0 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM2931 Series
3
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage Continuous
VI
40
Vdc
Transient Input Voltage (
τ ≤ 100 ms)
VI(τ)
60
Vpk
Transient Reverse Polarity Input Voltage
–VI(τ)
–50
Vpk
1.0% Duty Cycle,
τ ≤ 100 ms
Power Dissipation
Case 29 (TO–92 Type)
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
178
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
83
°C/W
Case 221A, 314A, 314B and 314D (TO–220 Type)
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
65
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
5.0
°C/W
Case 369 and 369A (DPAK) [Note 1]
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
92
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
6.0
°C/W
Case 751 (SOP–8) [Note 2]
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
160
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
25
°C/W
Case 936 and 936A (D2PAK) [Note 3]
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
70
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
5.0
°C/W
Tested Operating Junction Temperature Range
TJ
– 40 to +125
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
NOTES: 1. DPAK Junction–to–Ambient Thermal Resistance is for vertical mounting. Refer to Figure 24 for
board mounted Thermal Resistance.
2. SOP–8 Junction–to–Ambient Thermal Resistance is for minimum recommended pad size. Refer
to Figure 23 for Thermal Resistance variation versus pad size.
3. D2PAK Junction–to–Ambient Thermal Resistance is for vertical mounting. Refer to Figure 25 for
board mounted Thermal Resistance.
4. ESD data available upon request.
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 10 mA, CO = 100 µF, CO(ESR) = 0.3 Ω, TJ = 25°C [Note 1].)
Ch
i i
Sb l
LM2931–5.0
LM2931A–5.0
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
FIXED OUTPUT
Output Voltage
VO
V
Vin = 14 V, IO = 10 mA, TJ = 25°C
4.75
5.0
5.25
4.81
5.0
5.19
Vin = 6.0 V to 26 V, IO ≤ 100 mA, TJ = – 40° to +125°C
4.50
5.50
4.75
5.25
Line Regulation
Regline
mV
Vin = 9.0 V to 16 V
2.0
10
2.0
10
Vin = 6.0 V to 26 V
4.0
30
4.0
30
Load Regulation (IO = 5.0 mA to 100 mA)
Regload
14
50
14
50
mV
Output Impedance
ZO
m
IO = 10 mA, ∆IO = 1.0 mA, f = 100 Hz to 10 kHz
200
200
Bias Current
IB
mA
Vin = 14 V, IO = 100 mA, TJ = 25°C
5.8
30
5.8
30
Vin = 6.0 V to 26 V, IO = 10 mA, TJ = – 40° to +125°C
0.4
1.0
0.4
1.0
Output Noise Voltage (f = 10 Hz to 100 kHz)
Vn
700
700
µVrms
Long Term Stability
S
20
20
mV/kHR
NOTES: 1. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
2. The reference voltage on the adjustable device is measured from the output to the adjust pin across R1.


Número de pieza similar - LM2931T-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2931T-5.0 NSC-LM2931T-5.0 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
ON Semiconductor
LM2931T-5.0 ONSEMI-LM2931T-5.0 Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
LM2931T-5.0 ONSEMI-LM2931T-5.0 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
logo
National Semiconductor ...
LM2931T-5.0 NSC-LM2931T-5.0 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Texas Instruments
LM2931T-5.0 TI1-LM2931T-5.0 Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
More results

Descripción similar - LM2931T-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com