Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


HLMP-C315-O0000 Datasheet(Hoja de datos) 2 Page - Agilent(Hewlett-Packard)

No. de Pieza. HLMP-C315-O0000
Descripción  T - 13/4 Super Ultra-Bright LED Lamps
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo 

 
 2 page
background image
2
Selection Guide
Part Number
Luminous Intensity Iv (mcd)
Color
2
θθθθθ1/2[1]
Standoff Leads
HLMP-
Min.
Max.
DH AS AlGaAs
15
No
C115
290.0
C115-O00xx
290.0
C115-OP0xx
290.0
1000.0
Yes
C117-OP0xx
290.0
1000.0
25
No
C123
90.2
C123-L00xx
90.2
Red
15
No
C215
138.0
C215-M00xx
138.0
C215-MN0xx
138.0
400.0
25
No
C223
90.2
C223-L00xx
90.2
C223-MN0xx
138.0
400.0
Yellow
15
No
C315
147.0
C315-L00xx
147.0
C315-LM0xx
147.0
424.0
25
No
C323
96.2
C323-K00xx
96.2
C323-KL0xx
96.2
294.0
Orange
15
No
C415
138.0
C415-M00xx
138.0
C415-M0D0xx
138.0
C415-MN0xx
138.0
400.0
25
No
C423
90.2
C423-L00xx
90.2
C423-LM0xx
90.2
276.0
Green
15
No
C515
170.0
C515-L00xx
170.0
C515-LM0xx
170.0
490.0
25
No
C523
69.8
C523-J00xx
69.8
C523-KL0xx
111.7
340.0
Emerald Green
15
No
C615
17.0
C615-G00xx
17.0
25
No
C623
6.7
C623-E00xx
6.7




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
HLMP-C116T-13/4 Super Ultra-Bright LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-8115T-13/4 Super Ultra-Bright LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
L934SGCT-1 3MM SUPER BRIGHT LED LAMPS 1 2 3 4 Kingbright Corporation
AL-XJB361SUPER ORANGE RED AXIAL LED LAMPS 1 2 3 4 5 List of Unclassifed Manufacturers
MV8102SUPER BRIGHT T-1¾ 5mm LED LAMPS 1 2 3 4 Fairchild Semiconductor
L-53SGT- 1 3/4 5mm SUPER BRIGHT LED LAMPS 1 2 3 List of Unclassifed Manufacturers
HLMP-3707T-13/4 5 mm T-1 3 mm Ultra-Bright LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MV8102SUPER BRIGHT T-1 3/4 5mm LED LAMPS 1 2 3 QT Optoelectronics
MV8140SUPER BRIGHT T-1¾ 5mm LED LAMPS 1 2 3 4 Fairchild Semiconductor
MV8140SUPER BRIGHT T-1 3/4 5mm LED LAMPS 1 2 3 QT Optoelectronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl