Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


HLMP-C117-O0000 Datasheet(Hoja de datos) 10 Page - Agilent(Hewlett-Packard)

No. de Pieza. HLMP-C117-O0000
Descripción  T - 13/4 Super Ultra-Bright LED Lamps
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo 

 
 10 page
background image
Note:
All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent
representative for further clarification/information.
Mechanical Option Matrix
Mechanical Option Code
Definition
00
Bulk Packaging, minimum increment 500 pcs/bag
01
Tape & Reel, crimped leads, minimum increment 1300 pcs/bag
02
Tape & Reel, straight leads, minimum increment 1300 pcs/bag
B2
Right Angle Housing, even leads, minimum increment 500 pcs/bag
UQ
Ammo Pack, horizontal leads, in 1K minimum increment
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6756 2394
India, Australia, New Zealand: (+65) 6755 1939
Japan: (+81 3) 3335-8152 (Domestic/Interna-
tional), or 0120-61-1280 (Domestic Only)
Korea: (+65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand,
Philippines, Indonesia: (+65) 6755 2044
Taiwan: (+65) 6755 1843
Data subject to change.
Copyright © 2004 Agilent Technologies, Inc.
Obsoletes 5965-6165E
November 11, 2004
5988-2149EN




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
HLMP-C116T-13/4 Super Ultra-Bright LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-8115T-13/4 Super Ultra-Bright LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
L934SGCT-1 3MM SUPER BRIGHT LED LAMPS 1 2 3 4 Kingbright Corporation
AL-XJB361SUPER ORANGE RED AXIAL LED LAMPS 1 2 3 4 5 List of Unclassifed Manufacturers
MV8102SUPER BRIGHT T-1¾ 5mm LED LAMPS 1 2 3 4 Fairchild Semiconductor
L-53SGT- 1 3/4 5mm SUPER BRIGHT LED LAMPS 1 2 3 List of Unclassifed Manufacturers
HLMP-3707T-13/4 5 mm T-1 3 mm Ultra-Bright LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MV8102SUPER BRIGHT T-1 3/4 5mm LED LAMPS 1 2 3 QT Optoelectronics
MV8140SUPER BRIGHT T-1¾ 5mm LED LAMPS 1 2 3 4 Fairchild Semiconductor
MV8140SUPER BRIGHT T-1 3/4 5mm LED LAMPS 1 2 3 QT Optoelectronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl