Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

93LC86CTISNG Datasheet(PDF) 9 Page - Microchip Technology

No. de Pieza. 93LC86CTISNG
Descripción  16K Microwire Compatible Serial EEPROM
Descarga  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo 

93LC86CTISNG Datasheet(HTML) 9 Page - Microchip Technology

Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21797G-page 9
93AA86A/B/C, 93LC86A/B/C, 93C86A/B/C
2.6
Erase/Write Disable and Enable
(EWDS/EWEN)
The 93XX86A/B/C powers up in the Erase/Write
Disable (EWDS) state. All programming modes must be
preceded by an Erase/Write Enable (EWEN) instruction.
Once the EWEN instruction is executed, programming
remains enabled until an EWDS instruction is executed
or VCC is removed from the device.
To protect against accidental data disturbance, the
EWDS
instruction can be used to disable all Erase/Write
functions
and
should
follow
all
programming
operations.
Execution
of
a
READ
instruction
is
independent of both the EWEN and EWDS instructions.
FIGURE 2-3:
EWDS TIMING
FIGURE 2-4:
EWEN TIMING
2.7
Read
The READ instruction outputs the serial data of the
addressed memory location on the DO pin. A dummy
zero bit precedes the 8-bit (If ORG pin is low or A-Version
devices) or 16-bit (If ORG pin is high or B-version
devices) output string.
The output data bits will toggle on the rising edge of the
CLK and are stable after the specified time delay (TPD).
Sequential read is possible when CS is held high. The
memory data will automatically cycle to the next register
and output sequentially.
FIGURE 2-5:
READ TIMING
CS
CLK
DI
10
00
0
x
•••
x
TCSL
1x
CS
CLK
DI
00
1
1
x
TCSL
•••
CS
CLK
DI
DO
11
0
An
•••
A0
High-Z
0
Dx
•••
D0
Dx
•••
D0
•••
Dx
D0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
93AA768K/16K 1.8V Microwire Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
93C768K/16K 5.0V Microwire Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
93LC768K/16K 2.5V Microwire Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
93AA56A2K Microwire Compatible Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
93LC46A1K Microwire Compatible Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
93AA66A4K Microwire Compatible Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
93AA46A1K Microwire Compatible Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
HT93LC86CMOS 16K 3-Wire Serial EEPROM 1 2 3 4 5 MoreHoltek Semiconductor Inc
CAT93C8616K-Bit Microwire Serial EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn