Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0403-0050-01 Datasheet(PDF) 1 Page - Bel Fuse Inc.

No. de pieza 0403-0050-01
Descripción Electrónicos  4 PIN SIP PASSIVE DELAY MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BEL [Bel Fuse Inc.]
Página de inicio  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0403-0050-01 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0403-0050-01 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Specifications subject to change without notice.
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
Cat 40-R0
32
4 PIN SIP
PASSIVE DELAY MODULES
Gnd 7
.125
.60 + .01
.80 Max
.255 Max
.10 Typ
.020
.018
.012
.008
.20 Max
.120 Min
50% Levels
10%-90% Levels
+ 10%
10K Megohms Min.
50 Vdc
-55oC to +125oC
100 PPM/oC Max.
3 x Trout or 5 ns W.I.G.
60%
Delay Measurement
Rise Time Measurement
Distortion
Insulation Resistance @ 50 Vdc
Dielectric Withstanding Voltage
Operating Temperature Range
Temperature Coefficient of Delay
Minimum Input Pulse Width
Maximum Duty Cycle
Part Numbers
Total Delay
1.0 + 0.30 ns
2.0 + 0.30 ns
3.0 + 0.30 ns
4.0 + 0.30 ns
5.0 + 0.30 ns
6.0 + 0.30 ns
7.0 + 0.35 ns
8.0 + 0.40 ns
9.0 + 0.45 ns
10.0 + 0.50 ns
11.0 + 0.55 ns
12.0 + 0.60 ns
13.0 + 0.65 ns
14.0 + 0.70 ns
15.0 + 0.75 ns
20.0 + 1.00 ns
25.0 + 1.25 ns
30.0 + 1.50 ns
35.0 + 1.75 ns
40.0 + 2.00 ns
45.0 + 2.25 ns
50.0 + 2.50 ns
2.65 ns
2.75 ns
2.90 ns
3.15 ns
3.20 ns
3.35 ns
3.50 ns
3.65 ns
3.80 ns
4.00 ns
4.25 ns
4.50 ns
4.75 ns
5.00 ns
5.25 ns
6.10 ns
7.50 ns
9.00 ns
10.50 ns
12.50 ns
13.50 ns
15.00 ns
Attenuation
Maximum
3%
3%
3%
3%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
6%
6%
6%
6%
6%
Electrical Characteristics
Ein
Trin
PW
PP
Pulse Voltage
Rise Time
Pulse Width
Pulse Period
1 Volt Typical
2.0 ns (10%-90%)
3 x Total Delay
4 x Pulse Width
Test Conditions @ 25oC
Transfer molded for better reliability
Compatible with ECL & TTL circuits
Terminals: Electro-Tin plate phosphor bronze
Performance warranty is limited to specified parameters listed
Notes
Other Delays and Impedances Available
Consult Sales
bel (DC)
(P/N)
Out 6
In 2
Gnd 1
50 Ohms + 10%
0403-0001-50
0403-0002-50
0403-0003-50
0403-0004-50
0403-0005-50
0403-0006-50
0403-0007-50
0403-0008-50
0403-0009-50
0403-0010-50
0403-0011-50
0403-0012-50
0403-0013-50
0403-0014-50
0403-0015-50
0403-0020-50
0403-0025-50
0403-0030-50
0403-0035-50
0403-0040-50
0403-0045-50
0403-0050-50
100 Ohms + 10%
0403-0001-01
0403-0002-01
0403-0003-01
0403-0004-01
0403-0005-01
0403-0006-01
0403-0007-01
0403-0008-01
0403-0009-01
0403-0010-01
0403-0011-01
0403-0012-01
0403-0013-01
0403-0014-01
0403-0015-01
0403-0020-01
0403-0025-01
0403-0030-01
0403-0035-01
0403-0040-01
0403-0045-01
0403-0050-01
200 Ohms + 10%
0403-0001-02
0403-0002-02
0403-0003-02
0403-0004-02
0403-0005-02
0403-0006-02
0403-0007-02
0403-0008-02
0403-0009-02
0403-0010-02
0403-0011-02
0403-0012-02
0403-0013-02
0403-0014-02
0403-0015-02
0403-0020-02
0403-0025-02
0403-0030-02
0403-0035-02
0403-0040-02
0403-0045-02
0403-0050-02
75 Ohms + 10%
0403-0001-75
0403-0002-75
0403-0003-75
0403-0004-75
0403-0005-75
0403-0006-75
0403-0007-75
0403-0008-75
0403-0009-75
0403-0010-75
0403-0011-75
0403-0012-75
0403-0013-75
0403-0014-75
0403-0015-75
0403-0020-75
0403-0025-75
0403-0030-75
0403-0035-75
0403-0040-75
0403-0045-75
0403-0050-75
Rise Time


Número de pieza similar - 0403-0050-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
0403-000508 TOSHIBA-0403-000508 Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
Samsung semiconductor
0403-000579 SAMSUNG-0403-000579 Datasheet
1Mb / 43P
   Color Monitor
September 1999
logo
Toshiba Semiconductor
0403-000700 TOSHIBA-0403-000700 Datasheet
5Mb / 70P
   COLOUR TELEVISION
0403-000720 TOSHIBA-0403-000720 Datasheet
5Mb / 70P
   COLOUR TELEVISION
0403-001039 TOSHIBA-0403-001039 Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Descripción similar - 0403-0050-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
0402-00.5-55 BEL-0402-00.5-55 Datasheet
54Kb / 1P
   3 PIN SIP PASSIVE DELAY MODULES
0401-1403-02 BEL-0401-1403-02 Datasheet
57Kb / 1P
   HIGH-SPEED 4 PIN SIP PASSIVE DELAY MODULES
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
   5 TAP 7 PIN SIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
SIP16 RHOMBUS-IND-SIP16 Datasheet
27Kb / 1P
   19-Pin SIP 16-Tap High Performance Passive Delay Modules
SIL2 RHOMBUS-IND-SIL2 Datasheet
28Kb / 1P
   SIL2 Series Mini-SIP Passive Delay Modules
SP3 RHOMBUS-IND-SP3 Datasheet
26Kb / 1P
   SP3 Series Mini-SIP Passive Delay Modules
SL2T RHOMBUS-IND-SL2T Datasheet
32Kb / 1P
   SIL2 Series Mini-SIP Passive Delay Modules
logo
PCA ELECTRONICS INC.
EP9910-XX PCA-EP9910-XX Datasheet
17Kb / 1P
   Mini SIP Passive Delay Lines
EP9910N-1A PCA-EP9910N-1A Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
EP9910 PCA-EP9910_15 Datasheet
18Kb / 1P
   Mini SIP Passive Delay Lines
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com