Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SRAH-02A Datasheet(PDF) 5 Page - Bel Fuse Inc. |
|
SRAH-02A Datasheet(HTML) 5 Page - Bel Fuse Inc. |
5 / 25 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com ©2005 Bel Fuse Inc. Specifications subject to change without notice. 03.05 POWER PRODUCTS NON-ISOLATED DC/DC CONVERTERS BP05xRAH-02A 12V Input / 0.9V – 5.0V Output / 2A page 5 Output Specifications Note: All specifications are typical at nominal input, full load at 25° C unless otherwise stated. 3. di/dt=0.1A/uS,Ta=25° C with 220uF/10V Tan cap. r e t e m a r a P e l u d o M l o b m y S n i M l a c i p y T x a M s t i n U e s n o p s e R t n e i s n a r T 3 ∆ d a o L x a M f o % 0 0 1 o t % 0 5 V V 0 . 5 0 5 10 0 2V m e m i T g n il t t e Ss T 0 0 10 4 1s µ ∆ d a o L x a M f o % 0 5 o t % 0 0 1 V 0 5 10 0 2V m e m i T g n il t t e Ss T 0 0 10 4 1s µ e s n o p s e R t n e i s n a r T 3 ∆ d a o L x a M f o % 0 0 1 o t % 0 5 V V 3 . 3 0 2 10 5 1V m e m i T g n il t t e Ss T 0 40 6s µ ∆ d a o L x a M f o % 0 5 o t % 0 0 1 V 0 2 10 5 1V m e m i T g n il t t e Ss T 0 40 6s µ e s n o p s e R t n e i s n a r T 3 ∆ d a o L x a M f o % 0 0 1 o t % 0 5 V V 5 . 2 0 0 10 3 1V m e m i T g n il t t e Ss T 0 40 6s µ ∆ d a o L x a M f o % 0 5 o t % 0 0 1 V 0 0 10 3 1V m e m i T g n il t t e Ss T 0 40 6s µ e s n o p s e R t n e i s n a r T 3 ∆ d a o L x a M f o % 0 0 1 o t % 0 5 V V 8 . 1 0 90 2 1V m e m i T g n il t t e Ss T 0 40 6s µ ∆ d a o L x a M f o % 0 5 o t % 0 0 1 V 0 90 2 1V m e m i T g n il t t e Ss T 0 40 6s µ |
Número de pieza similar - SRAH-02A |
|
Descripción similar - SRAH-02A |