Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SRAH-03A Datasheet(PDF) 1 Page - Bel Fuse Inc.

No. de pieza SRAH-03A
Descripción Electrónicos  NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BEL [Bel Fuse Inc.]
Página de inicio  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-03A Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SRAH-03A Datasheet HTML 1Page - Bel Fuse Inc. SRAH-03A Datasheet HTML 2Page - Bel Fuse Inc. SRAH-03A Datasheet HTML 3Page - Bel Fuse Inc. SRAH-03A Datasheet HTML 4Page - Bel Fuse Inc. SRAH-03A Datasheet HTML 5Page - Bel Fuse Inc. SRAH-03A Datasheet HTML 6Page - Bel Fuse Inc. SRAH-03A Datasheet HTML 7Page - Bel Fuse Inc. SRAH-03A Datasheet HTML 8Page - Bel Fuse Inc. SRAH-03A Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2005 Bel Fuse Inc.
Specifications subject to change without notice. 07.05
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP05xRAH-03A
12V Input / 1.5V – 5.0V Output / 3A
Nonisolated
Compact, low profile surface mount package
Fixed frequency
High efficiency means less power dissipation
Excellent thermal performance
Optimized for cost
Remote on/off
Undervoltage lockout (UVLO)
Over current and short circuit protection
Description
The Bel SRAH-03A and VRAH-03A modules are a series of non-isolated, step down DC/DC power converters that operate
from a nominal 12V source. These converters are available in a range of output voltages from 1.5V to 5.0V. They are pack-
aged in a compact, overmolded package rated at 3A. Optional lead forming provides a vertical mount product for minimal
footprint or a surface mount option for a very low profile. Standard features include remote on/off, over current and short circuit
protection, and output voltage adjust. These products may be used almost anywhere low voltage silicon is employed and a
12V source is available. Typical applications include file servers, routers, line cards and other computing and communications
equipment.
Applications
page 1
SRAH-03A / VRAH-03A Series
Distributed power architectures
Data networking equipment
Telecommunications
Computers and peripherals
Part Number Selection
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
t
n
u
o
M
e
c
a
f
r
u
S
r
e
b
m
u
N
t
r
a
P
t
n
u
o
M
l
a
c
i
t
r
e
V
V
0
.
5V
2
1A
3W
5
1%
1
90
0
5
A
3
0
-
H
A
R
S0
0
5
A
3
0
-
H
A
R
V
V
3
.
3V
2
1A
3W
9
.
9%
0
90
3
3
A
3
0
-
H
A
R
S0
3
3
A
3
0
-
H
A
R
V
V
5
.
2V
2
1A
3W
5
.
7%
8
80
5
2
A
3
0
-
H
A
R
S0
5
2
A
3
0
-
H
A
R
V
V
8
.
1V
2
1A
3W
4
.
5%
5
80
8
1
A
3
0
-
H
A
R
S0
8
1
A
3
0
-
H
A
R
V
V
5
.
1V
2
1A
3W
5
.
4%
4
80
5
1
A
3
0
-
H
A
R
S0
5
1
A
3
0
-
H
A
R
V
RoHS Compliant


Número de pieza similar - SRAH-03A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
SRAH-03C090 BEL-SRAH-03C090 Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
SRAH-03C090 BEL-SRAH-03C090 Datasheet
196Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
SRAH-03C120 BEL-SRAH-03C120 Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
SRAH-03C120 BEL-SRAH-03C120 Datasheet
196Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
SRAH-03C150 BEL-SRAH-03C150 Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
More results

Descripción similar - SRAH-03A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
S7DB-07A BEL-S7DB-07A Datasheet
249Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRDB-07A BEL-SRDB-07A Datasheet
256Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com