Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVC4245ADH Datasheet(PDF) 7 Page - NXP Semiconductors |
|
74LVC4245ADH Datasheet(HTML) 7 Page - NXP Semiconductors |
7 / 16 page 1999 Jun 15 7 Philips Semiconductors Product specification Octal dual supply translating transceiver; 3-state 74LVC4245A AC CHARACTERISTICS GND = 0 V; tr =tf ≤ 2.5 ns; CL = 50 pF; Tamb = −40 to 85 °C. Notes 1. Typical values are measured at VCCA = 5.0 V and VCCB = 3.3 V and Tamb =25 °C. 2. Typical values are measured at VCCA = 5.0 V and Tamb =25 °C. SYMBOL PARAMETER WAVEFORMS LIMITS UNIT VCCA =5V ± 0.5 V VCCB = 3.3 V ± 0.3 V VCCB = 2.7 V MIN. TYP.(1) MAX. MIN. TYP.(2) MAX. tPHL/tPLH propagation delay An to Bn see Figs 4 and 7 1.5 4.0 6.5 1.5 4.5 7.0 ns propagation delay Bn to An see Figs 4 and 7 1.5 4.0 6.5 1.5 4.5 7.0 ns tPZH/tPZL 3-state output enable time OE to An see Figs 6 and 7 1.5 6.2 10 1.5 7.0 11.0 ns 3-state output enable time OE to Bn see Figs 6 and 7 1.5 5.0 8.1 1.5 5.7 8.7 ns tPHZ/tPLZ 3-state output disable time OE to An see Figs 6 and 7 1.5 5.3 7.5 1.5 5.7 8.0 ns 3-state output disable time OE to Bn see Figs 6 and 7 1.5 5.8 7.8 1.5 6.2 8.5 ns AC WAVEFORMS Fig.4 The input (An, Bn) to output (Bn, An) propagation delays. handbook, halfpage MNA366 An, Bn INPUT Bn, An OUTPUT tPHL tPLH GND VI VM VM VOH VOL VM = 1.5 V at 2.7 V ≤ VCCB ≤ 3.6 V; VM = 0.5VCCA at VCCA ≥ 4.5 V; VOL and VOH are typical output voltage drop that occur with the output load. Fig.5 Supply operation area. handbook, halfpage 1.5 2.7 5.7 Complies with TTL levels 3.9 0.9 MNA454 3.9 2.1 4.5 5.1 3.3 1.5 2.1 2.7 3.3 3.6 1.2 1.8 2.4 3.0 VCCA (V) VCCB (V) VCCA ≥ VCCB Full operation |
Número de pieza similar - 74LVC4245ADH |
|
Descripción similar - 74LVC4245ADH |