Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3805H33QDCKREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3805H33QDCKREP
Descripción Electrónicos  VOLTAGE DETECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3805H33QDCKREP Datasheet(HTML) 1 Page - Texas Instruments

  TPS3805H33QDCKREP Datasheet HTML 1Page - Texas Instruments TPS3805H33QDCKREP Datasheet HTML 2Page - Texas Instruments TPS3805H33QDCKREP Datasheet HTML 3Page - Texas Instruments TPS3805H33QDCKREP Datasheet HTML 4Page - Texas Instruments TPS3805H33QDCKREP Datasheet HTML 5Page - Texas Instruments TPS3805H33QDCKREP Datasheet HTML 6Page - Texas Instruments TPS3805H33QDCKREP Datasheet HTML 7Page - Texas Instruments TPS3805H33QDCKREP Datasheet HTML 8Page - Texas Instruments TPS3805H33QDCKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TPS380301EP, TPS3803G15EP, TPS3805H33EP
VOLTAGE DETECTOR
SGLS227B − DECEMBER 2003 − REVISED DECEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of Up
to −55
°C to 125°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree
D Single Voltage Detector (TPS3803):
Adjustable/1.5 V
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Dual Voltage Detector (TPS3805):
Adjustable/3.3 V
D High ±1.5% Threshold Voltage Accuracy
D Supply Current: 3 µA Typical at VDD = 3.3 V
D Push/Pull Reset Output (TPS3805)
Open-Drain Reset Output (TPS3803)
D Five-Pin SC−70 Package
typical applications
D Applications Using DSPs, Microcontrollers,
or Microprocessors
D Wireless Communication Systems
D Portable/Battery-Powered Equipment
D Programmable Controls
D Intelligent Instruments
D Industrial Equipment
D Notebook/Desktop Computers
D Automotive Systems
description
The
TPS3803
and
TPS3805
families
of
supervisory circuits provide circuit initialization
and timing supervision, primarily for DSPs and
processor-based systems.
The TPS3803G15 device has a fixed-sense
threshold voltage VIT set by an internal voltage
divider, whereas the TPS3803−01 has an
adjustable SENSE input that can be configured by
two external resistors. In addition to the fixed
sense threshold monitored at VDD, the TPS3805
devices provide a second adjustable SENSE
input. RESET is asserted in case any of the two
voltages drops below VIT.
During power on, RESET is asserted when supply
voltage VDD becomes higher than 0.8 V.
Thereafter, the supervisory circuit monitors VDD
(and/or SENSE) and keeps RESET active as long
as VDD or SENSE remains below the threshold
voltage VIT. As soon as VDD (SENSE) rises above
the threshold voltage VIT, RESET is deasserted
again. The product spectrum is designed for
1.5 V, 3.3 V, and adjustable supply voltages. The
devices are available in a five-pin SC-70 package.
Copyright
 2004 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
4
5
DCK PACKAGE
(TOP VIEW)
1
NC
GND
RESET
VDD
SENSE
NC
{
TPS3803-01, TPS3803G15, TPS3805
typical operating circuit
TPS3805H33
TMS320VC5416
RESET
VDD
SENSE
GND
DVDD
CVDD
RESET
GND
3.3 V
1.6 V
R1
R2
{TPS3803G15


Número de pieza similar - TPS3805H33QDCKREP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3805H33QDCKREP TI1-TPS3805H33QDCKREP Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
More results

Descripción similar - TPS3805H33QDCKREP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com