Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2904P Datasheet(PDF) 4 Page - Texas Instruments |
|
|
LM2904P Datasheet(HTML) 4 Page - Texas Instruments |
4 / 20 page LM158, LM158A, LM258, LM258A LM358, LM358A, LM2904, LM2904V DUAL OPERATIONAL AMPLIFIERS SLOS068P − JUNE 1976 − REVISED SEPTEMBER 2004 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† LM158, LM158A LM258, LM258A LM358, LM358A LM2904V LM2904 UNIT Supply voltage, VCC (see Note 1) ±16 or 32 ±13 or 26 V Differential input voltage, VID (see Note 2) ±32 ±26 V Input voltage, VI (either input) −0.3 to 32 −0.3 to 26 V Duration of output short circuit (one amplifier) to ground at (or below) 25 °C free-air temperature (VCC ≤ 15 V) (see Note 3) Unlimited Unlimited D package 97 97 DGK package 172 172 Package thermal impedance, qJA (see Notes 4 and 5) P package 85 85 °C/W Package thermal impedance, qJA (see Notes 4 and 5) PS package 95 95 C/W PW package 149 149 Package thermal impedance, qJC (see Notes 6 and 7) FK package 5.61 °C/W Package thermal impedance, qJC (see Notes 6 and 7) JG package 14.5 °C/W LM158, LM158A −55 to 125 Operating free-air temperature range, TA LM258, LM258A −25 to 85 °C Operating free-air temperature range, TA LM358, LM358A 0 to 70 °C LM2904 −40 to 125 −40 to 125 Operating virtual junction temperature, TJ 150 150 °C Case temperature for 60 seconds FK package 260 °C Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds JG package 300 300 °C Storage temperature range, Tstg −65 to 150 −65 to 150 °C † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential voltages and VCC specified for measurement of IOS, are with respect to the network ground terminal. 2. Differential voltages are at IN+ with respect to IN−. 3. Short circuits from outputs to VCC can cause excessive heating and eventual destruction. 4. Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) − TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability. 5. The package thermal impedance is calculated in accordance with JESD 51-7. 6. Maximum power dissipation is a function of TJ(max), qJC, and TC. The maximum allowable power dissipation at any allowable case temperature is PD = (TJ(max) − TC)/qJC. Operating at the absolute maximum TJ of 150°C can affect reliability. 7. The package thermal impedance is calculated in accordance with MIL-STD-883. |
Número de pieza similar - LM2904P |
|
Descripción similar - LM2904P |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |