Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT02PWDH Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 74LVT02PWDH
Descripción Electrónicos  3.3V Quad 2-input NOR gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT02PWDH Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVT02PWDH Datasheet HTML 1Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Pr
oduct specification
74LVT02
3.3V Quad 2-input NOR gate
1996 Aug 15
4
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions
Voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.7V; IIK = –18mA
–1.2
V
VCC = 2.7 to 3.6V; IOH = –100µA
VCC–0.2
VOH
High-level output voltage
VCC = 2.7V; IOH = –6mA
2.4
V
VCC = 3.0V; IOH = –20mA
2.0
VCC = 2.7V; IOL = 100µA
0.2
VOL
Low-level output voltage
VCC = 2.7V; IOL = 24mA
0.5
V
VCC = 3.0V; IOL = 32mA
0.5
I
Input leakage current
VCC = 0 or 3.6V; VI = 5.5V
10
A
II
Input leakage current
VCC = 3.6V; VI = VCC or GND
±1
µA
IOFF
Output off current
VCC = 0V; VI or VO = 0 to 4.5V
±100
µA
ICCH
Quiescent supply current
VCC = 3.6V; Outputs High, VI = GND or
VCC, IO = 0
0.02
mA
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC,
IO = 0
1
2
mA
∆ICC
Additional supply current per input pin2
VCC = 3V to 3.6V; One input at VCC–0.6V,
Other inputs at VCC or GND
0.2
µA
CI
Input capacitance
VI = 3V or 0
3
pF
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specificed voltage level other than VCC or GND.
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
tPLH
tPHL
Propagation delay
An or Bn to Yn
1
1.0
1.0
2.8
2.6
4.4
3.6
5.2
3.4
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
VM
VM
VM
VM
Yn
An, Bn
tPHL
tPLH
SF01395
Waveform 1.
Propagation delay for inverting outputs


Número de pieza similar - 74LVT02PWDH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVT02PW NEXPERIA-74LVT02PW Datasheet
210Kb / 10P
   3.3 V Quad 2-input NOR gate
Rev. 4 - 1 March 2021
More results

Descripción similar - 74LVT02PWDH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com