Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT10PW Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74LVT10PW
Descripción Electrónicos  3.3V Triple 3-input NAND gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT10PW Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVT10PW Datasheet HTML 1Page - NXP Semiconductors 74LVT10PW Datasheet HTML 2Page - NXP Semiconductors 74LVT10PW Datasheet HTML 3Page - NXP Semiconductors 74LVT10PW Datasheet HTML 4Page - NXP Semiconductors 74LVT10PW Datasheet HTML 5Page - NXP Semiconductors 74LVT10PW Datasheet HTML 6Page - NXP Semiconductors 74LVT10PW Datasheet HTML 7Page - NXP Semiconductors 74LVT10PW Datasheet HTML 8Page - NXP Semiconductors 74LVT10PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVT10
3.3V Triple 3-input NAND gate
2
1996 May 10
853–1832 16801
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C;
GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation
delay
An, Bn, Cn
to Yn
CL = 50pF;
VCC = 3.3V
3.8
3.3
ns
CIN
Input
capacitance
VI = 0V or 3.0V
2
pF
ICCL
Total supply
current
Outputs Low;
VCC = 3.6V
1
mA
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
B2
A2
Y2
C2
C0
Y0
A0
B0
Y1
A1
B1
C1
SA00346
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1, 2, 3, 4, 5,
9, 10, 11, 13
An, Bn,
Cn
Data inputs
6, 8, 12
Yn
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
LOGIC SYMBOL
A0
B0
C0
B1
C1
A2
B2
A1
Y0Y1Y2
12
6
8
1
2
13
3
4
5
9
10
VCC = Pin 14
GND = Pin 7
SA00347
C2
11
LOGIC SYMBOL (IEEE/IEC)
SV00059
&
12
6
8
1
2
13
3
4
5
9
10
11
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
SA00348
Y0
Y1
Y2
12
6
8
1
2
13
3
4
5
9
10
11
A0
B0
C0
A1
B1
C1
A2
B2
C2
FUNCTION TABLE
INPUTS
OUTPUTS
INPUTS
OUTPUTS
Dna
Dnb
Dnc
Qn
L
L
L
H
L
L
H
H
L
H
L
H
L
H
H
H
H
L
L
H
H
L
H
H
H
H
L
H
H
H
H
L
NOTES:
H = High voltage level
L
= Low voltage level
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic SO
–40
°C to +85°C
74LVT10 D
74LVT10 D
SOT108-1
14-Pin Plastic SSOP
–40
°C to +85°C
74LVT10 DB
74LVT10 DB
SOT337-1
14-Pin Plastic TSSOP
–40
°C to +85°C
74LVT10 PW
74LVT10PW DH
SOT402-1


Número de pieza similar - 74LVT10PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT125 PHILIPS-74LVT125 Datasheet
87Kb / 10P
   3.3V Quad buffer 3-State
Rev. 05-10 February 2005
74LVT125 PHILIPS-74LVT125 Datasheet
93Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 05-10 February 2005
74LVT125 NXP-74LVT125 Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
logo
Nexperia B.V. All right...
74LVT125 NEXPERIA-74LVT125 Datasheet
243Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 8 - 18 August 2021
logo
NXP Semiconductors
74LVT125BQ PHILIPS-74LVT125BQ Datasheet
93Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 05-10 February 2005
More results

Descripción similar - 74LVT10PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
   Triple 3-input NAND gate
1989 Sep 20
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
   TRIPLE 3-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
   Triple 3-input NAND gate
logo
NXP Semiconductors
74LVC10A PHILIPS-74LVC10A Datasheet
84Kb / 8P
   Triple 3-input NAND gate
1998 Apr 28
logo
System Logic Semiconduc...
SL74HC10 SLS-SL74HC10 Datasheet
33Kb / 4P
   Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
   Triple 3-Input NAND Gate
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
[Old version datasheet]   Triple 3-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com