Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX74038-12 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

No. de pieza CX74038-12
Descripción Electrónicos  2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74038-12 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button CX74038-12 Datasheet HTML 4Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 5Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 6Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 7Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 9Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 10Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 11Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DATA SHEET • CX74038
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
January 31, 2005 • Skyworks Proprietary and Confidential information • Products and product information are subject to change without notice • 101075I
Table 4. Electrical Characteristics
(VDD = 2.7 V, TA = 25
°C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
Supply voltage
RF/IF
2.6
2.7
3.6
V
Supply current
RF @2.5 GHz
IF
RF/IF @2.5 GHz-RF
Standby
6.5
1.9
8.2
10
mA
mA
mA
µA
Operating input frequency
RF (PS = 1)
RF (PS = 0)
IF
(@ –40
°C to +85 °C)
0.1
0.1
1
2.6
1.4
800
GHz
GHz
MHz
Reference input frequency
50
MHz
Phase detector frequency
RF (PS = 1)
RF (PS = 0)
IF
(@ –40
°C to +85 °C)
9
15
2
MHz
MHz
MHz
Prescaler input sensitivity
RF
IF
(@ –40
°C to +85 °C)
–15
–15
+ 6
+ 6
dBm
dBm
Prescaler input impedance
RF @ 2.5 GHz
IF @ 480 MHz
30 – j25
200 – j190
Reference oscillator sensitivity
0.3
VDD
Vp-p
In-band phase noise @ 10 kHz offset
(Note 1)
RF @ 2.5 GHz
IF @ 480 MHz
(@ –40
°C to +85 °C)
–85
–82
dBc/Hz
dBc/Hz
Charge pump output current
RF, VCP = VDD/2
IF, VCP = VDD/2
–15%
–15%
–15%
–15%
–15%
–15%
–15%
–15%
120
240
360
480
0.4
0.8
1.2
1.6
+15%
+15%
+15%
+15%
+15%
+15%
+15%
+15%
µA
µA
µA
µA
mA
mA
mA
mA
Charge pump leakage current
0.5 < VCP < VDD – 0.5
0.3 < VCP < VDD – 0.3
0.2
0.5
nA
nA
Charge pump sink vs. source mismatch
VCP = VDD/2
–10
+10
%
Charge pump current vs.
voltage/temperature
0.5 < VCP < VDD – 0.5
0.3 < VCP < VDD – 0.3
–5
–10
+8
+20
%
%
High level digital I/O voltage
0.7 VDD
V
Low level digital I/O voltage
0.3 VDD
V
Serial clock high time
tCKH
20
ns
Serial clock low time
tCKL
20
ns
Data set-up time to clock rising-edge
tDSU
5
ns
Data hold time to clock rising-edge
tDHD
5
ns
LE pulse width
tLEW
20
ns
Clock falling-edge to LE rising edge
tCLE
5
ns
LE falling-edge to clock rising-edge
tLEC
5
ns
Note 1: RF output frequency = 2.5 GHz, comparison frequency = 8 MHz, loop bandwidth = 35 kHz, and charge pump current = 480 mA.
IF output frequency = 480 MHz, comparison frequency = 200 kHz, loop bandwidth = 10 kHz, and charge pump current = 1.6 mA.


Número de pieza similar - CX74038-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
CX74037 CONEXANT-CX74037 Datasheet
106Kb / 11P
   Transmit RF IC for TDMA or AMPS Applications
More results

Descripción similar - CX74038-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SKY74038 SKYWORKS-SKY74038 Datasheet
128Kb / 12P
   2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
   2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com