Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX74038-12 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

No. de pieza CX74038-12
Descripción Electrónicos  2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74038-12 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button CX74038-12 Datasheet HTML 4Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 5Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 6Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 7Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 9Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 10Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 11Page - Skyworks Solutions Inc. CX74038-12 Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DATA SHEET • CX74038
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
January 31, 2005 • Skyworks Proprietary and Confidential information • Products and product information are subject to change without notice • 101075I
Table 5. CX74038 Register Descriptions (2 of 2)
Symbol
Function
Description
Register Word Address 10
Address bits [1:0]
10
SP2
IF synthesizer phase detector output polarity
[2]
Bit [2] sets the IF synthesizer phase detector output:
0 Sets phase detector output for negative VCO gain
1 Sets phase detector output for positive VCO gain
EN
Enable mode [4:3]
Bits [4:3] enable the RF and/or IF synthesizers:
bit 4
bit 3
0
0
Enables both RF SX and IF SX
0
1
Enables only RF SX
1
0
Enables only IF SX
1
1
Sets power-down mode for both RF/IF SX
N2
IF synthesizer main divider [21:5]
Bits [21:5] set the IF synthesizer 17-bit main divider ratio
Register Word Address 11
Address bits [1:0]
11
FN
RF synthesizer fractional-N division [9:2]
Bits [9:2] set the RF synthesizer’s fractional-N program up to 256 modulo
N1
RF synthesizer main divider [21:10]
Bits [21:10] set the RF synthesizer’s 12-bit main divider ratio with a 16/17 prescaler, or an
11-bit main divider ratio with 8/9 prescaler
Note 1: These bits must be programmed after power is applied to the device. Failure to do so may result in erroneous device operation.


Número de pieza similar - CX74038-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
CX74037 CONEXANT-CX74037 Datasheet
106Kb / 11P
   Transmit RF IC for TDMA or AMPS Applications
More results

Descripción similar - CX74038-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SKY74038 SKYWORKS-SKY74038 Datasheet
128Kb / 12P
   2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
   2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com