Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT16646ADGG Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74LVT16646ADGG
Descripción Electrónicos  3.3V ABT 16-bit bus transceiver 3-State
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16646ADGG Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVT16646ADGG Datasheet HTML 1Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
9397 750 14326
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 12 January 2005
5 of 21
Philips Semiconductors
74LVT16646A
3.3 V 16-bit bus transceiver; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pinning configuration
1DIR
16646A
1OE
1CPAB
1CPBA
1SAB
1SBA
GND
GND
1A0
1B0
1A1
1B1
VCC
VCC
1A2
1B2
1A3
1B3
1A4
1B4
GND
GND
1A5
1B5
1A6
1B6
1A7
1B7
2A0
2B0
2A1
2B1
2A2
2B2
GND
GND
2A3
2B3
2A4
2B4
2A5
2B5
VCC
VCC
2A6
2B6
2A7
2B7
GND
GND
2SAB
2SBA
2CPAB
2CPBA
2DIR
20E
001aac209
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Table 3:
Pin description
Symbol
Pin
Description
1DIR
1
direction control inputs 0 to 7
1CPAB
2
clock inputs 0 to 7; A to B side
1SAB
3
select inputs 0 to 7; A to B side
GND
4
ground (0V)
1A0
5
data input or output 0; A side
1A1
6
data input or output 1; A side
VCC
7
positive supply voltage
1A2
8
data input or output 2; A side


Número de pieza similar - 74LVT16646ADGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVT16646ADGG NEXPERIA-74LVT16646ADGG Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
More results

Descripción similar - 74LVT16646ADGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT16245B PHILIPS-74LVT16245B Datasheet
78Kb / 10P
   3.3V ABT 16-bit transceiver 3-State
1998 Feb 19
logo
Texas Instruments
SN74LVT162245A TI-SN74LVT162245A Datasheet
481Kb / 15P
[Old version datasheet]   3.3V ABT 16 BIT BUS TRANSCEIVERS WITH 3 STATE OUTPUTS
logo
Maxwell Technologies
54LVTH245A MAXWELL-54LVTH245A Datasheet
188Kb / 9P
   3.3V ABT Octal Bus Transceiver with 3-State Output
logo
Texas Instruments
SN74LVTH16646-EP TI1-SN74LVTH16646-EP Datasheet
334Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH162245-EP TI1-SN74LVTH162245-EP Datasheet
348Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16245A-Q1 TI1-SN74LVTH16245A-Q1 Datasheet
158Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
logo
Texas Instruments
SN74LVTH16245A-EP TI1-SN74LVTH16245A-EP Datasheet
644Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVT16541A PHILIPS-74LVT16541A Datasheet
45Kb / 5P
   3.3V ABT 16-bit buffer/driver 3-State
July 1994
74ALVT16646 PHILIPS-74ALVT16646 Datasheet
106Kb / 15P
   2.5V/3.3V 16-bus transceiver 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com