Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14530BCP Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza MC14530BCP
Descripción Electrónicos  DUAL 5-INPUT MAJORITY LOGIC GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14530BCP Datasheet(HTML) 2 Page - Motorola, Inc

  MC14530BCP Datasheet HTML 1Page - Motorola, Inc MC14530BCP Datasheet HTML 2Page - Motorola, Inc MC14530BCP Datasheet HTML 3Page - Motorola, Inc MC14530BCP Datasheet HTML 4Page - Motorola, Inc MC14530BCP Datasheet HTML 5Page - Motorola, Inc MC14530BCP Datasheet HTML 6Page - Motorola, Inc MC14530BCP Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
MC14530B
2
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
– 55
_C
25
_C
125
_C
Unit
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ #
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
“1” Level
Vin = 0 or VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIL
5.0
10
15
1.2
2.5
3.0
2.25
4.50
6.75
1.25
2.5
3.0
1.15
2.4
2.9
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.85
7.6
12.1
3.75
7.5
12
2.75
5.50
8.25
3.75
7.5
12
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
0.25
0.5
1.0
0.0005
0.0010
0.0015
0.25
0.5
1.0
7.5
15
30
µAdc
Total Supply Current**†
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (0.75 µA/kHz) f + IDD
IT = (1.50 µA/kHz) f + IDD
IT = (2.25 µA/kHz) f + IDD
µAdc
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
** The formulas given are for the typical characteristics only at 25
_C.
* To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.002.
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
DB
EB
WB
ZB
VDD
AB
BB
CB
DA
CA
BA
AA
VSS
ZA
WA
EA


Número de pieza similar - MC14530BCP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC145310 MOTOROLA-MC145310 Datasheet
39Kb / 1P
   Tone/Pulse dialler with flash
MC14531B MOTOROLA-MC14531B Datasheet
175Kb / 5P
   12-BIT PARITY TREE
MC14531BCL MOTOROLA-MC14531BCL Datasheet
175Kb / 5P
   12-BIT PARITY TREE
MC14531BCP MOTOROLA-MC14531BCP Datasheet
175Kb / 5P
   12-BIT PARITY TREE
MC14531BD MOTOROLA-MC14531BD Datasheet
175Kb / 5P
   12-BIT PARITY TREE
More results

Descripción similar - MC14530BCP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74F260 PHILIPS-74F260 Datasheet
68Kb / 8P
   Dual 5-input NOR gate
1988 Nov 29
logo
Motorola, Inc
SN54LS260 MOTOROLA-SN54LS260 Datasheet
119Kb / 4P
   DUAL 5-INPUT NOR GATE
logo
National Semiconductor ...
DM54LS260 NSC-DM54LS260 Datasheet
124Kb / 6P
   Dual 5-Input NOR Gate
54LS26 NSC-54LS26 Datasheet
52Kb / 2P
   Dual 5-Input NOR Gate
logo
List of Unclassifed Man...
T74LS260B1 ETC-T74LS260B1 Datasheet
106Kb / 3P
   DUAL 5 INPUT NOR GATE
logo
AiT Semiconductor Inc.
AL2G08 AITSEMI-AL2G08 Datasheet
456Kb / 8P
   LOGIC DUAL 2-INPUT POSITIVE-AND GATE
REV1.0
logo
Torex Semiconductor
XC74WL02AASR TOREX-XC74WL02AASR Datasheet
129Kb / 3P
   CMOS Logic Dual 2-input NOR Gate
logo
Texas Instruments
SN74F260 TI-SN74F260 Datasheet
44Kb / 3P
[Old version datasheet]   DUAL 5-INPUT POSITIVE-NOR GATE
SN74F260 TI1-SN74F260_14 Datasheet
554Kb / 10P
[Old version datasheet]   DUAL 5-INPUT POSITIVE-NOR GATE
logo
Torex Semiconductor
XC74WL86AASR TOREX-XC74WL86AASR Datasheet
146Kb / 3P
   CMOS Logic Dual 2-input Exclusive OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com