Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14536BCL Datasheet(PDF) 8 Page - Motorola, Inc

No. de pieza MC14536BCL
Descripción Electrónicos  PROGRAMMABLE TIMER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14536BCL Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC14536BCL Datasheet HTML 4Page - Motorola, Inc MC14536BCL Datasheet HTML 5Page - Motorola, Inc MC14536BCL Datasheet HTML 6Page - Motorola, Inc MC14536BCL Datasheet HTML 7Page - Motorola, Inc MC14536BCL Datasheet HTML 8Page - Motorola, Inc MC14536BCL Datasheet HTML 9Page - Motorola, Inc MC14536BCL Datasheet HTML 10Page - Motorola, Inc MC14536BCL Datasheet HTML 11Page - Motorola, Inc MC14536BCL Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MOTOROLA CMOS LOGIC DATA
MC14536B
8
Figure 6. Power Dissipation Test
Circuit and Waveform
Figure 7. Switching Time Test Circuit and Waveforms
VDD
0.01
µF
CERAMIC
500
µF
ID
CL
CL
CL
VSS
PULSE
GENERATOR
SET
RESET
8–BYPASS
IN1
C INH
MONO IN
OSC INH
C
B
A
D
OUT 1
OUT
2
DECODE
OUT
20 ns
20 ns
90%
10%
50%
50%
DUTY CYCLE
PULSE
GENERATOR
SET
RESET
8–BYPASS
IN1
C INH
MONO IN
OSC INH
C
B
A
D
OUT 1
OUT
2
DECODE
OUT
CL
VSS
VDD
20 ns
20 ns
50%
IN1
tWL
tWH
50%
tPHL
90%
10%
tPLH
tTLH
tTHL
OUT
FUNCTIONAL TEST SEQUENCE
Test function (Figure 8) has been included for the reduc-
tion of test time required to exercise all 24 counter stages.
This test function divides the counter into three 8–stage
sections and 255 counts are loaded in each of the 8–stage
sections in parallel. All flip–flops are now at a “1”. The count-
er is now returned to the normal 24–stages in series configu-
ration. One more pulse is entered into In1 which will cause
the counter to ripple from an all “1” state to an all “0” state.
Figure 8. Functional Test Circuit
VDD
VSS
PULSE
GENERATOR
SET
RESET
8–BYPASS
IN1
C INH
MONO IN
OSC INH
C
B
A
D
OUT 1
OUT
2
DECODE
OUT
FUNCTIONAL TEST SEQUENCE
Inputs
Outputs
Comments
In1
Set
Reset
8–Bypass
Decade Out
Q1 thru Q24
All 24 stages are in Reset mode.
1
0
1
1
0
All 24 stages are in Reset mode.
1
1
1
1
0
Counter is in three 8 stage sections in parallel mode.
0
1
1
1
0
First “1” to “0” transition of clock.
1
0
1
1
1
255 “1” to “0” transitions are clocked in the counter.
0
1
1
1
1
The 255 “1” to “0” transition.
0
0
0
0
1
Counter converted back to 24 stages in series mode.
Set and Reset must be connected together and simultaneously
go from “1” to “0”.
1
0
0
0
1
In1 Switches to a “1”.
0
0
0
0
0
Counter Ripples from an all “1” state to an all “0” state.


Número de pieza similar - MC14536BCL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14536BCP ONSEMI-MC14536BCP Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
MC14536BCP ONSEMI-MC14536BCP Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
MC14536BCPG ONSEMI-MC14536BCPG Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
More results

Descripción similar - MC14536BCL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com