Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS767D318QPWPRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS767D318QPWPRQ1
Descripción Electrónicos  DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS767D318QPWPRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS767D318QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS767D318QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS767D318QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS767D318QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS767D318QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS767D318QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS767D318QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS767D318QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS767D318QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TPS767D301Q1, TPS767D318Q1, TPS767D325Q1
DUALOUTPUT LOW DROPOUT VOLTAGE REGULATORS
SGLS231 − FEBRUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualification in Accordance With
AEC-Q100
D Qualified for Automotive Applications
D Customer-Specific Configuration Control
Can Be Supported Along With
Major-Change Approval
D Dual Output Voltages for Split-Supply
Applications
D Output Current Range of 0 mA to 1.0 A Per
Regulator
D 3.3-V/2.5-V, 3.3-V/1.8-V, and 3.3-V/Adjustable
Output
D Fast-Transient Response
D 2% Tolerance Over Load and Temperature
D Dropout Voltage Typically 350 mV at 1 A
D Ultra Low 85 µA Typical Quiescent Current
D 1 µA Quiescent Current During Shutdown
D Dual Open Drain Power-On Reset With
200-ms Delay for Each Regulator
D 28-Pin PowerPAD TSSOP Package
D Thermal Shutdown Protection for Each
Regulator
† Contact factory for details. Q100 qualification data available on
request.
description
The TPS767D3xx family of dual voltage regulators offers fast transient response, low dropout voltages and dual
outputs in a compact package and incorporating stability with 10-
µF low ESR output capacitors.
The TPS767D3xx family of dual voltage regulators is designed primarily for DSP applications. These devices
can be used in any mixed-output voltage application, with each regulator supporting up to 1 A. Dual active-low
reset signals allow resetting of core-logic and I/O separately.
AVAILABLE OPTIONS
TJ
REGULATOR 1
VO (V)
REGULATOR 2
VO (V)
TSSOP
(PWP)
Adj (1.5 − 5.5 V)
3.3 V
TPS767D301QPWPRQ1
−40
°C to 125°C
1.8 V
3.3 V
TPS767D318QPWPRQ1
−40 C to 125 C
2.5 V
3.3 V
TPS767D325QPWPRQ1
The TPS767D301 is adjustable using an external resistor divider (see application information).
The PWP packages are taped and reeled as indicated by the R suffix on the device type (e.g.,
TPS767D301QPWPRQ1).
Copyright
 2004 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
NC
1GND
1EN
1IN
1IN
NC
NC
2GND
2EN
2IN
2IN
NC
NC
1RESET
NC
NC
1FB/NC
1OUT
1OUT
2RESET
NC
NC
NC
2OUT
2OUT
NC
NC
PWP PACKAGE
(TOP VIEW)
NC − No internal connection


Número de pieza similar - TPS767D318QPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS767D318QPWPRQ1 TI1-TPS767D318QPWPRQ1 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - TPS767D318QPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com