Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC145403P Datasheet(PDF) 7 Page - Motorola, Inc |
|
MC145403P Datasheet(HTML) 7 Page - Motorola, Inc |
7 / 9 page MC145403 •MC145404•MC145405•MC145408 MOTOROLA 7 PACKAGE DIMENSIONS P SUFFIX PLASTIC DIP CASE 738–03 1.070 0.260 0.180 0.022 0.070 0.015 0.140 15 ° 0.040 1.010 0.240 0.150 0.015 0.050 0.008 0.110 0 ° 0.020 25.66 6.10 3.81 0.39 1.27 0.21 2.80 0 ° 0.51 27.17 6.60 4.57 0.55 1.77 0.38 3.55 15 ° 1.01 0.050 BSC 0.100 BSC 0.300 BSC 1.27 BSC 2.54 BSC 7.62 BSC MIN MIN MAX MAX INCHES MILLIMETERS DIM A B C D E F G J K L M N NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. -A- C K N E GF D 20 PL J 20 PL L M -T- SEATING PLANE 110 11 20 0.25 (0.010) T A M M 0.25 (0.010) T B M M B P SUFFIX PLASTIC DIP CASE 724–03 NOTES: 1. CHAMFERED CONTOUR OPTIONAL. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 4. CONTROLLING DIMENSION: INCH. –A– –B– 24 13 12 1 –T– SEATING PLANE 24 PL K E F N C D G M A M 0.25 (0.010) T 24 PL J M B M 0.25 (0.010) T L M NOTE 1 DIM MIN MAX MIN MAX MILLIMETERS INCHES A 1.230 1.265 31.25 32.13 B 0.250 0.270 6.35 6.85 C 0.145 0.175 3.69 4.44 D 0.015 0.020 0.38 0.51 E 0.050 BSC 1.27 BSC F 0.040 0.060 1.02 1.52 G 0.100 BSC 2.54 BSC J 0.007 0.012 0.18 0.30 K 0.110 0.140 2.80 3.55 L 0.300 BSC 7.62 BSC M 0 15 0 15 N 0.020 0.040 0.51 1.01 __ __ |
Número de pieza similar - MC145403P |
|
Descripción similar - MC145403P |