Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT640D Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 74LVT640D
Descripción Electrónicos  3.3V Octal transceiver with direction pin; inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT640D Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVT640D Datasheet HTML 1Page - NXP Semiconductors 74LVT640D Datasheet HTML 2Page - NXP Semiconductors 74LVT640D Datasheet HTML 3Page - NXP Semiconductors 74LVT640D Datasheet HTML 4Page - NXP Semiconductors 74LVT640D Datasheet HTML 5Page - NXP Semiconductors 74LVT640D Datasheet HTML 6Page - NXP Semiconductors 74LVT640D Datasheet HTML 7Page - NXP Semiconductors 74LVT640D Datasheet HTML 8Page - NXP Semiconductors 74LVT640D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVT640
3.3V Octal transceiver with direction pin; inverting
(3-State)
1998 Feb 19
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
2.7
3.6
V
VI
Input voltage
0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Input voltage
0.8
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
32
mA
IOL
Low-level output current; current duty cycle
≤ 50%; f ≥ 1kHz
64
mA
∆t/∆v
Input transition rise or fall rate; Outputs enabled
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.7V; IIK = –18mA
–0.9
–1.2
V
VCC = 2.7 to 3.6V; IOH = –100µA
VCC-0.2
VCC-0.1
VOH
High-level output voltage
VCC = 2.7V; IOH = –8mA
2.4
2.5
V
VCC = 3.0V; IOH = –32mA
2.0
2.2
VCC = 2.7V; IOL = 100µA
0.1
0.2
VCC = 2.7V; IOL = 24mA
0.3
0.5
VOL
Low-level output voltage
VCC = 3.0V; IOL = 16mA
0.25
0.4
V
VCC = 3.0V; IOL = 32mA
0.3
0.5
VCC = 3.0V; IOL = 64mA
0.4
0.55
VCC = 0 or 3.6V; VI = 5.5V
Control pins
1
10
VCC = 3.6V; VI = VCC or GND
Control ins
±0.1
±1
II
Input leakage current
VCC = 3.6V; VI = 5.5V
1
20
µA
VCC = 3.6V; VI = VCC
I/O Data pins4
0.1
1
VCC = 3.6V; VI = 0
–1
-5
IOFF
Output off current
VCC = 0V; VI or VO = 0 to 4.5V
1
±100
µA
Bus Hold current A
VCC = 3V; VI = 0.8V
75
150
IHOLD
Bus Hold current A
inputsNO TAG
VCC = 3V; VI = 2.0V
–75
–150
µA
in uts
VCC = 0V to 3.6V; VCC = 3.6V
±500
IEX
Current into an ouptut in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
60
125
µA
IPU/PD
Power up/down 3-State
output current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC;
OE/OE = Don’t care
15
±100
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.13
0.19
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
3
12
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 0
0.13
0.19
∆ICC
Additional supply current per
input pin2
VCC = 3V to 3.6V; One input at VCC-0.6V,
Other inputs at VCC or GND
0.1
0.2
mA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 0.3V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = +25°C only.
4. Unused pins at VCC or GND.
5. This is the bus hold overdrive current required to force the input to the opposite logic state.


Número de pieza similar - 74LVT640D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVT640D NEXPERIA-74LVT640D Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
More results

Descripción similar - 74LVT640D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT640_2 PHILIPS-74LVT640_2_15 Datasheet
110Kb / 10P
   3.3V Octal transceiver with direction pin; inverting (3-State)
1998 Feb 19
74ABT640 PHILIPS-74ABT640 Datasheet
104Kb / 10P
   Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
logo
Nexperia B.V. All right...
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
   Octal transceiver with direction pin 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
logo
NXP Semiconductors
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
   Octal transceiver with direction pin (3-State)
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com