Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT646DB Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74LVT646DB
Descripción Electrónicos  3.3V Octal bus transceiver/register 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT646DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT646DB Datasheet HTML 2Page - NXP Semiconductors 74LVT646DB Datasheet HTML 3Page - NXP Semiconductors 74LVT646DB Datasheet HTML 4Page - NXP Semiconductors 74LVT646DB Datasheet HTML 5Page - NXP Semiconductors 74LVT646DB Datasheet HTML 6Page - NXP Semiconductors 74LVT646DB Datasheet HTML 7Page - NXP Semiconductors 74LVT646DB Datasheet HTML 8Page - NXP Semiconductors 74LVT646DB Datasheet HTML 9Page - NXP Semiconductors 74LVT646DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74LVT646
3.3V Octal bus transceiver/register (3-State)
1998 Feb 19
6
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP
NO TAG
MAX
VIK
Input clamp voltage
VCC = 2.7V; IIK = –18mA
–0.9
–1.2
V
VCC = 2.7 to 3.6V; IOH = –100µA
VCC-0.2
VCC-0.1
VOH
High-level output voltage
VCC = 2.7V; IOH = –8mA
2.4
2.5
V
VCC = 3.0V; IOH = –32mA
2.0
2.2
VCC = 2.7V; IOL = 100µA
0.1
0.2
VCC = 2.7V; IOL = 24mA
0.3
0.5
VOL
Low–level output voltage
VCC = 3.0V; IOL = 16mA
0.25
0.4
V
VCC = 3.0V; IOL = 32mA
0.3
0.5
VCC = 3.0V; IOL = 64mA
0.4
0.55
VRST
Power-up output low voltage5
VCC = 3.6V; IO = 1mA; VI = GND or VCC
0.13
0.55
V
VCC = 3.6V; VI = VCC or GND
Control pins
±0.1
±1
VCC = 0 or 3.6V; VI = 5.5V
Control pins
1
10
II
Input leakage current
VCC = 3.6V; VI = 5.5V
1
20
µA
VCC = 3.6V; VI = VCC
I/O Data pins4
0.1
1
VCC = 3.6V; VI = 0
–1
-5
IOFF
Output off current
VCC = 0V; VI or VO = 0 to 4.5V
1
±100
µA
6
VCC = 3V; VI = 0.8V
75
150
IHOLD
Bus Hold current A inputs6
VCC = 3V; VI = 2.0V
–75
–150
µA
VCC = 0V to 3.6V; VCC = 3.6V
±500
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
60
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC;
OE/OE =Don’t care
15
±100
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.13
0.19
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
3
12
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 0
0.13
0.19
∆ICC
Additional supply current per
input pin2
VCC = 3V to 3.6V; One input at VCC-0.6V,
Other inputs at VCC or GND
0.1
0.2
mA
NOTES:
1. All typical values are at and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 0.3V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. For valid test results, data must not be loaded into the flip-flops (or latches) after applying power.
6. This is the bus hold overdrive current required to force the input to the opposite logic state.


Número de pieza similar - 74LVT646DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT640 PHILIPS-74LVT640 Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640D PHILIPS-74LVT640D Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640D NEXPERIA-74LVT640D Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640DB PHILIPS-74LVT640DB Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
More results

Descripción similar - 74LVT646DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com