Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74AC810 Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza MC74AC810
Descripción Electrónicos  QUAD 2-INPUT EXCLUSIVE-NOR GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC810 Datasheet(HTML) 3 Page - Motorola, Inc

  MC74AC810 Datasheet HTML 1Page - Motorola, Inc MC74AC810 Datasheet HTML 2Page - Motorola, Inc MC74AC810 Datasheet HTML 3Page - Motorola, Inc MC74AC810 Datasheet HTML 4Page - Motorola, Inc MC74AC810 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC74AC810 MC74ACT810
5-3
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Inputs to Outputs
3.3
1.0
8.5
12
1.0
13
ns
3-5
tPLH
Inputs to Outputs
5.0
1.0
7.5
9.0
1.0
9.5
ns
3-5
tPHL
Propagation Delay
Inputs to Outputs
3.3
1.0
9.5
12
1.0
13
ns
3-5
tPHL
Inputs to Outputs
5.0
1.0
6.5
9.0
1.0
10
ns
3-5
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
Symbol
Parameter
VCC
(V)
TA = +25°C
TA =
–40
°C to +85°C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
Input Voltage
5.5
1.5
2.0
2.0
V
or VCC – 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
Input Voltage
5.5
1.5
0.8
0.8
V
or VCC – 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = –50 µA
Output Voltage
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
–24 mA
5.5
4.86
4.76
IOH
–24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
IOL
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
µA
VI = VCC, GND
Leakage Current
5.5
±0.1
±1.0
µA
VI = VCC, GND
∆ICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC – 2.1 V
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
–75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
4.0
40
µA
VIN = VCC or GND
Supply Current
5.5
4.0
40
µA
VIN = VCC or GND
* All outputs loaded; thresholds on input associated with output under test.
† Maximum test duration 2.0 ms, one output loaded at a time.


Número de pieza similar - MC74AC810

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74AC823 MOTOROLA-MC74AC823 Datasheet
235Kb / 8P
   9-BIT REGISTER WITH 3-STATE OUTPUTS (Non-Inverting)
MC74AC823DW MOTOROLA-MC74AC823DW Datasheet
235Kb / 8P
   9-BIT REGISTER WITH 3-STATE OUTPUTS (Non-Inverting)
MC74AC823N MOTOROLA-MC74AC823N Datasheet
235Kb / 8P
   9-BIT REGISTER WITH 3-STATE OUTPUTS (Non-Inverting)
logo
ON Semiconductor
MC74AC86 ONSEMI-MC74AC86 Datasheet
89Kb / 8P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
April, 2005 ??Rev. 7
logo
Motorola, Inc
MC74AC86 MOTOROLA-MC74AC86 Datasheet
147Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
More results

Descripción similar - MC74AC810

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC7266 PHILIPS-74HC7266 Datasheet
29Kb / 4P
   Quad 2-input EXCLUSIVE-NOR gate
December 1990
logo
Motorola, Inc
MC74HC7266A MOTOROLA-MC74HC7266A Datasheet
137Kb / 6P
   Quad 2-Input Exclusive NOR Gate
logo
Nexperia B.V. All right...
HEF4077B NEXPERIA-HEF4077B Datasheet
164Kb / 11P
   Quad 2-input EXCLUSIVE-NOR gate
Rev. 6 - 14 March 2017
logo
Motorola, Inc
SN54LS266 MOTOROLA-SN54LS266 Datasheet
125Kb / 4P
   QUAD 2-INPUT EXCLUSIVE NOR GATE
logo
National Semiconductor ...
MM54HC7266 NSC-MM54HC7266 Datasheet
92Kb / 4P
   Quad 2-Input Exclusive NOR Gate
logo
NXP Semiconductors
74AC11810 PHILIPS-74AC11810 Datasheet
123Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-NOR GATE
October 17 1990
logo
Nexperia B.V. All right...
HEF4077B-Q100 NEXPERIA-HEF4077B-Q100 Datasheet
165Kb / 11P
   Quad 2-input EXCLUSIVE-NOR gate
logo
National Semiconductor ...
CD4070BM NSC-CD4070BM Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Intersil Corporation
HCTS7266MS INTERSIL-HCTS7266MS Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
logo
STMicroelectronics
HCF4077B STMICROELECTRONICS-HCF4077B Datasheet
107Kb / 7P
   QUAD EXCLUSIVE NOR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com