Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVU04DB Datasheet(PDF) 3 Page - NXP Semiconductors |
|
74LVU04DB Datasheet(HTML) 3 Page - NXP Semiconductors |
3 / 14 page Philips Semiconductors Product specification 74LVU04 Hex inverter 1998 Apr 20 3 PIN CONFIGURATION 1 2 3 4 5 6 7 1A 1Y 2A 2Y 3A 3Y GND V CC 6A 6Y 5A 5Y 4A 4Y 14 13 12 11 10 9 8 SV00396 LOGIC SYMBOL (IEEE/IEC) 12 34 56 98 11 10 13 12 1 1 1 1 1 1 SV00398 LOGIC SYMBOL 1A 1Y 2A 2Y 3A 3Y 4A 4Y 5A 5Y 6A 6Y 1 3 5 9 11 13 2 4 6 8 10 12 SV00397 SCHEMATIC DIAGRAM (ONE INVERTER) VCC VCC VCC 100 W 170 W nA nY SV00400 RECOMMENDED OPERATING CONDITIONS SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT VCC DC supply voltage See Note1 1.0 3.3 5.5 V VI Input voltage 0 – VCC V VO Output voltage 0 – VCC V Tamb Operating ambient temperature range in free air See DC and AC characteristics –40 –40 +85 +125 °C tr, tf Input rise and fall times VCC = 1.0V to 2.0V VCC = 2.0V to 2.7V VCC = 2.7V to 3.6V VCC = 3.6V to 5.5V – – – – – – – – 500 200 100 50 ns/V NOTE: 1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 5.5V. |
Número de pieza similar - 74LVU04DB |
|
Descripción similar - 74LVU04DB |