Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0553-0013-14 Datasheet(PDF) 1 Page - Bel Fuse Inc.

No. de pieza 0553-0013-14
Descripción Electrónicos  T1/CEPT/ISDN-PRI TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BEL [Bel Fuse Inc.]
Página de inicio  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0553-0013-14 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0553-0013-14 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
T1/CEPT/ISDN-PRI TRANSFORMER
0553-0013-14
5
3
1
2
Secondary
Primary
Dimension tolerance +/- 0.01(0.25)
unless otherwise stated
Dimensions in inches(mm)
SCHEMATIC
6
1:1.266CT
TOP
VIEW
0.11MIN
2.77 MIN
0.50(12.70)
Max
0.35(8.89)
Max
0.13(3.30)
Min
0.25(6.35)
Max
0.40(10.16)
0.10(2.54)
M
E
C
H
A
N
I
C
A
L
S
BOTTOM
VIEW
0.02" pin
diameter typical
0553-0013-14
Pins
(2-6):(1-5)
Turns
Ratio
+/- 5%
0.92
0.80
0.80
Leakage
Inductance
L
L
(
µH)Max
DCR
(ohms) Max
Coupling
Capacitance
(pF) Max
Part
Number
Primary
Inductance
OCL
(mH) Min
1.50
1:1.266CT
18
Pins (2-6)
Pins (1-5)
ELECTRICALS @ 25O C.
Bel provides a new transformer
to be used in multiple T1/CEPT/ISDN-Pri
applications.
* Primary Inductance is 1.5 mH
minimum.
* Isolation Voltage - 1500Vrms.
TM0018
T118


Número de pieza similar - 0553-0013-14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
0553-0013-14 BEL-0553-0013-14 Datasheet
36Kb / 2P
   HIGH FREQUENCY MAGNETICST1/CEPT Single Line Interface Transformers
More results

Descripción similar - 0553-0013-14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
List of Unclassifed Man...
LT-1625S ETC1-LT-1625S Datasheet
26Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bourns Electronic Solut...
SM74120 BOURNS-SM74120 Datasheet
180Kb / 1P
   T1/CEPT/ISDN-PRI Transformer
PT74263N BOURNS-PT74263N Datasheet
138Kb / 1P
   T1/CEPT/ISDN-PRI Transformer
logo
Bothhand USA, LP.
S5861M BOTHHAND-S5861M Datasheet
73Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S4993S BOTHHAND-S4993S Datasheet
53Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S4995B BOTHHAND-S4995B Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S5835 BOTHHAND-S5835 Datasheet
21Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S8887 BOTHHAND-S8887 Datasheet
68Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S1308M BOTHHAND-S1308M Datasheet
75Kb / 1P
   T1/ CEPT/ISDN-PRI TRANSFORMER
S4545 BOTHHAND-S4545 Datasheet
267Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com