Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMAJ45 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd |
|
SMAJ45 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd |
4 / 5 page - 533 - ELECTRICAL CHARACTERISTICS (TA=25 OC unless otherwise noted) Maximum Maximum Maximum Device Working Peak Breakdown Voltage Test Clamping Peak Pulse Reverse Device Marking Reverse V(BR) (Volts) Current Voltage at IPPM Surge Current Leakage Code Voltage at IT IT VC(Volts) IPPM at VWM VWM(Volts) Min. Max. (mA) (Note 5) (Note 5)(Amps) ID (uA) SMAJ45 CU 45 50.0 61.1 1.0 80.3 5.0 5.0 SMAJ45A CV 45 50.0 55.3 1.0 72.7 5.5 5.0 SMAJ48 CW 48 53.3 65.1 1.0 85.5 4.7 5.0 SMAJ48A CX 48 53.3 58.9 1.0 77.4 5.2 5.0 SMAJ51 CY 51 56.7 69.3 1.0 91.1 4.4 5.0 SMAJ51A CZ 51 56.7 62.7 1.0 82.4 4.9 5.0 SMAJ54 RD 54 60.0 73.3 1.0 96.3 4.2 5.0 SMAJ54A RE 54 60.0 66.3 1.0 87.1 4.6 5.0 SMAJ58 RF 58 64.4 78.7 1.0 103 3.9 5.0 SMAJ58A RG 58 64.4 71.2 1.0 93.6 4.3 5.0 SMAJ60 RH 60 66.7 81.5 1.0 107 3.7 5.0 SMAJ60A RK 60 66.7 73.7 1.0 96.8 4.1 5.0 SMAJ64 RL 64 71.1 86.9 1.0 114 3.5 5.0 SMAJ64A RM 64 71.1 78.6 1.0 103 3.9 5.0 SMAJ70 RN 70 77.8 95.1 1.0 125 3.2 5.0 SMAJ70A RP 70 77.8 86.0 1.0 113 3.5 5.0 SMAJ75 RQ 75 83.3 102 1.0 134 3.0 5.0 SMAJ75A RR 75 83.3 92.1 1.0 121 3.3 5.0 SMAJ78 RS 78 86.7 106 1.0 139 2.9 5.0 SMAJ78A RT 78 86.7 95.8 1.0 126 3.2 5.0 SMAJ85 RU 85 94.4 115 1.0 151 2.0 5.0 SMAJ85A RV 85 94.4 104 1.0 137 2.2 5.0 SMAJ90 RW 90 100 122 1.0 160 1.9 5.0 SMAJ90A RX 90 100 111 1.0 146 2.1 5.0 SMAJ100 RY 100 111 136 1.0 179 1.7 5.0 SMAJ100A RZ 100 111 123 1.0 162 1.9 5.0 SMAJ110 SD 110 122 149 1.0 196 1.6 5.0 SMAJ110A SE 110 122 135 1.0 177 1.7 5.0 SMAJ120 SF 120 133 163 1.0 214 1.4 5.0 SMAJ120A SG 120 133 147 1.0 193 1.6 5.0 SMAJ130 SH 130 144 176 1.0 231 1.3 5.0 SMAJ130A SK 130 144 159 1.0 209 1.5 5.0 SMAJ150 SL 150 167 204 1.0 266 1.1 5.0 SMAJ150A SM 150 167 185 1.0 243 1.3 5.0 SMAJ160 SN 160 178 218 1.0 287 1.0 5.0 SMAJ160A SP 160 178 197 1.0 259 1.2 5.0 SMAJ170 SQ 170 189 231 1.0 304 1.0 5.0 SMAJ170A SR 170 189 209 1.0 275 1.1 5.0 Notes: 1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25 OC per Fig. 2 2. Mounted on 5.0mm 2 copper pads to each terminal 3. Lead temperature at TL=75 OC 4. Measured on 8.3ms single half sine-wave duty cycle=4 pulses per minutes maximum 5. Peak pulse power waveform is 10/1000 us 6. For BI-Directional devices having VR of 10 volts and under, the IR limit is double. |
Número de pieza similar - SMAJ45 |
|
Descripción similar - SMAJ45 |