Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS74401RGWRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS74401RGWRG4
Descripción Electrónicos  3.0A Ultra-Low Dropout Linear Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS74401RGWRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS74401RGWRG4 Datasheet HTML 6Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 7Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 8Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 9Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 10Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 11Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 12Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 13Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
APPLICATION INFORMATION
INPUT, OUTPUT, AND BIAS CAPACITOR
TRANSIENT RESPONSE
TPS74401
GND
EN
FB
IN
PG
SS
OUT
V
IN
V
OUT
V
PG
R
1
R
2
R
3
C
OUT
Optional
C
IN
1 F
m
C
SS
V
BIAS
C
BIAS
1 F
m
V
=0.8
OUT
´
1+
R
1
R
2
(
)
BIAS
TPS74401
SBVS066D – DECEMBER 2005 – REVISED AUGUST 2006
The TPS74401 belongs to a family of new
REQUIREMENTS
generation ultra-low dropout regulators that feature
soft-start and tracking capabilities. These regulators
The device does not require any output capacitor for
use a low current bias input to power all internal
stability. If an output capacitor is needed, the device
control circuitry, allowing the NMOS pass transistor
is designed to be stable for all available types and
to regulate very low input and output voltages.
values of output capacitance. The device is also
stable with multiple capacitors in parallel, of any type
The use of an NMOS-pass FET offers several critical
or value.
advantages for many applications. Unlike a PMOS
topology device, the output capacitor has little effect
The capacitance required on the IN and BIAS pins
on
loop
stability.
This
architecture
allows
the
strongly
depends
on
the
input
supply
source
TPS74401 to be stable with any or even no output
impedance. To counteract any inductance in the
capacitor. Transient response is also superior to
input, the minimum recommended capacitor for VIN
PMOS
topologies,
particularly
for
low
VIN
and VBIAS is 1µF. If VIN and VBIAS are connected to
applications.
the
same
supply,
the
recommended
minimum
capacitor for VBIAS is 4.7µF. Good quality, low ESR
The
TPS74401
features
a
programmable,
capacitors should be used on the input; ceramic X5R
voltage-controlled soft-start circuit that provides a
and X7R capacitors are preferred. These capacitors
smooth, monotonic start-up and limits startup inrush
should be placed as close the pins as possible for
currents that may be caused by large capacitive
optimum performance.
loads. A power-good (PG) output is available to allow
supply monitoring and sequencing of other supplies.
An enable (EN) pin with hysteresis and deglitch
allows
slow-ramping
signals
to
be
used
for
The TPS74401 was designed to have transient
sequencing the device. The low VIN and VOUT
response within 5% for most applications without any
capability allows for inexpensive, easy-to-design, and
output capacitor. In some cases, the transient
efficient linear regulation between the multiple supply
response may be limited by the transient response of
voltages
often
present
in
processor
intensive
the input supply. This limitation is especially true in
systems.
applications where the difference between the input
and output is less than 300mV. In this case, adding
Figure 27 illustrates a typical application circuit for
additional input capacitance improves the transient
the TPS74401 adjustable input device.
response much more than just adding additional
R1 and R2 can be calculated for any output voltage
output capacitance. With a solid input supply, adding
using the formula shown in Figure 27. Refer to
additional output capacitance reduces undershoot
Table 1 for sample resistor values of common output
and overshoot during a transient at the expense of a
voltages. In order to achieve the maximum accuracy
slightly longer VOUT recovery time. Refer to Figure 16
specifications, R2 should be ≤ 4.99kΩ.
in the Typical Characteristics section. Since the
TPS74401 is stable without an output capacitor,
many
applications
may
allow
for
little
or
no
capacitance
at
the
LDO
output.
For
these
applications, local bypass capacitance for the device
under power may be sufficient to meet the transient
requirements of the application. This design reduces
the total solution cost by avoiding the need to use
expensive high-value capacitors at the LDO output.
Figure 27. Typical Application Circuit for the
TPS74401 (Adjustable)
10
Submit Documentation Feedback


Número de pieza similar - TPS74401RGWRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74401RGWRG4 TI-TPS74401RGWRG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401RGWRG4 TI1-TPS74401RGWRG4 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
More results

Descripción similar - TPS74401RGWRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com