Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CMD5153 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

No. de Pieza. CMD5153
Descripción  T-1 3/4 Diffused LED Lamps
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CML [Chicago Miniature Lamp,inc]
Página de inicio  http://www.cml-it.com
Logo 

CMD5153 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
T-1 3/4 Diffused LED Lamps
EL ECTRO-OP TIC A L C H A R A CTERISTICS A N D R A T INGS
These LED lamps offer a variety of diffused lens effects and color
availability. These lamps are available with both wide view angles and
narrow view angles for high bright direct viewing. The High Efficiency
Red and Yellow lamps are produced with GaAsP/GaP and the High
Efficiency Green lamp is produced with GaP/GaP. This compact,
rugged and lightweight LED lamp requires low power and allows for
versatile PC board or panel mounting.
20.0
25.0
15.0
25.0
90
-55 to +100
-55 to +100
120
75
562
20
3.0
3.0
2.2
20
Green
H.E .G reen
C MD5453
1000
-55 to +100
-55 to +100
120
24
585
45
10.0
3.0
2.1
20
Yellow
Yellow
C MD5354A
1000
-55 to +100
-55 to +100
120
65
585
45
2.5
3.0
2.1
20
Yellow
Yellow
C MD5353
1000
-55 to +100
-55 to +100
120
24
635
45
10.0
3.0
2.0
20
Amber
H.E . R ed
CMD5154A
CMD5153
Diffus ed
PAR T NUMB E R
Output C olor
Package C olor
Tes t C urrent (mA)
Forward V oltage T yp. (V )
Forward V oltage Max. (V )
Luminous Intens ity Min. (mcd)
Luminous Intens ity T yp. (mcd)
Peak Wavelength (nm)
S torage T emperature (
°C)
P eak F orward C urrent Max. (1
µs @ 0.3% duty cycle) (mA)
Diffus ion
Viewing Angle 20 1/2 (degrees)
H.E . R ed
Amber
20
2.0
3.0
3.0
15.0
45
635
65
120
-55 to +100
-55 to +100
1000
Diffus ed
Diffus ed
Diffus ed
Diffus ed
Revers e V oltage (IR=100
µA) (V)
55
5
5
5
Capacitance pF V r=0, F =1MHz
Power Dissipation (mW)
Operating T emperature (
°C)
Lead S older T ime @ 260
°C
55
5
5
5
25.0
10.0
30.0
1000
-55 to +100
-55 to +100
120
24
635
45
15.0
3.0
2.0
20
Red
H.E . R ed
C MD5754A
1000
-55 to +100
-55 to +100
120
65
635
45
3.0
3.0
2.0
20
Red
H.E . R ed
CMD5753
90
-55 to +100
-55 to +100
120
24
562
20
10.0
3.0
2.2
20
Green
H.E .G reen
CMD5454A
Diffus ed
Diffus ed
Diffus ed
55
5
55
5
MIN.
1.00
.340
±.010
.100
CAT HODE
SQ.T Y P .
.020
±.003
.040
.190
±.010
Ø.230
.050
All dimensions in inches.
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Html Pages

1 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CMD6153T-1 3/4 Diffused LED Lamps 1 Chicago Miniature Lamp,inc
HLMP-3301T-1 3/4 5 mm Diffused LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-1385T-1 3 mm Diffused LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-1301T-1 3 mm Diffused LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MV5094ABIPOLAR T-1 3/4 5mm LED LAMP - DIFFUSED 1 2 3 4 Fairchild Semiconductor
MVL-544UGT-1 3/4 f 5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
MVL-5A4UOLT-1 3/4 f 5mm PACKAGE HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
CMD50640T-100 T-1 Diffused Lens LED Lamps 1 Chicago Miniature Lamp,inc
MVL-544UOLT-1 3/4 f5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
MVL-5A4UYLT-1 3/4 f 5mm PACKAGE HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn