Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9259 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD9259
Descripción Electrónicos  Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 5 Page - Analog Devices

  AD9259 Datasheet HTML 1Page - Analog Devices AD9259 Datasheet HTML 2Page - Analog Devices AD9259 Datasheet HTML 3Page - Analog Devices AD9259 Datasheet HTML 4Page - Analog Devices AD9259 Datasheet HTML 5Page - Analog Devices AD9259 Datasheet HTML 6Page - Analog Devices AD9259 Datasheet HTML 7Page - Analog Devices AD9259 Datasheet HTML 8Page - Analog Devices AD9259 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
AD9259
Rev. 0 | Page 5 of 52
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 3.
AD9259-50
Parameter1
Temperature
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Differential Input Voltage2
Full
250
mV p-p
Input Common-Mode Voltage
Full
1.2
V
Input Resistance (Differential)
25°C
20
Input Capacitance
25°C
1.5
pF
LOGIC INPUTS (PDWN, SCLK/DTP)
Logic 1 Voltage
Full
1.2
3.6
V
Logic 0 Voltage
Full
0.3
V
Input Resistance
25°C
30
Input Capacitance
25°C
0.5
pF
LOGIC INPUT (CSB)
Logic 1 Voltage
Full
1.2
3.6
V
Logic 0 Voltage
Full
0.3
V
Input Resistance
25°C
70
Input Capacitance
25°C
0.5
pF
LOGIC INPUT (SDIO/ODM)
Logic 1 Voltage
Full
1.2
DRVDD + 0.3
V
Logic 0 Voltage
Full
0
0.3
V
Input Resistance
25°C
30
Input Capacitance
25°C
2
pF
LOGIC OUTPUT (SDIO/ODM)
Logic 1 Voltage (IOH = 50 μA)
Full
1.79
V
Logic 0 Voltage (IOL = 50 μA)
Full
0.05
V
DIGITAL OUTPUTS (D+, D−), (ANSI-644)1
Logic Compliance
LVDS
Differential Output Voltage (VOD)
Full
247
454
mV
Output Offset Voltage (VOS)
Full
1.125
1.375
V
Output Coding (Default)
Offset binary
DIGITAL OUTPUTS (D+, D−),
(Low Power, Reduced Signal Option)1
Logic Compliance
LVDS
Differential Output Voltage (VOD)
Full
150
250
mV
Output Offset Voltage (VOS)
Full
1.10
1.30
V
Output Coding (Default)
Offset binary
1 See the AN-835 Application Note, “Understanding High Speed ADC Testing and Evaluation,” for a complete set of definitions and how these tests were completed.
2 This is specified for LVDS and LVPECL only.


Número de pieza similar - AD9259

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9259 AD-AD9259 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9259-50EB1 AD-AD9259-50EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9259-50EBZ AD-AD9259-50EBZ Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9259ABCPZ-50 AD-AD9259ABCPZ-50 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9259ABCPZRL7-50 AD-AD9259ABCPZRL7-50 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
More results

Descripción similar - AD9259

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com