Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1986 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD1986
Descripción Electrónicos  AC ??7 SoundMAX CODEC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1986 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1986 Datasheet HTML 3Page - Analog Devices AD1986 Datasheet HTML 4Page - Analog Devices AD1986 Datasheet HTML 5Page - Analog Devices AD1986 Datasheet HTML 6Page - Analog Devices AD1986 Datasheet HTML 7Page - Analog Devices AD1986 Datasheet HTML 8Page - Analog Devices AD1986 Datasheet HTML 9Page - Analog Devices AD1986 Datasheet HTML 10Page - Analog Devices AD1986 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
AD1986
Rev. 0 | Page 7 of 52
Table 8. Digital-to-Analog Converters
Parameter
Min
Typ
Max
Unit
Resolution
24
Bits
Total Harmonic Distortion (LINE_OUT Drive)
−92
dB
Total Harmonic Distortion HP_OUT
−75
dB
Dynamic Range (−60 dB Input, THD + N referenced to Full Scale, A-Weighted)
91
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.7
dB
DAC Crosstalk1 (Input L, Zero R, Read R_OUT; Input R, Zero L, Read L_OUT)
−80
dB
1 Guaranteed by design, not production tested.
Table 9. Analog Output
Parameter
Min
Typ
Max
Unit
FULL-SCALE OUTPUT VOLTAGE: SURROUND, CENTER/LFE, MONO_OUT
1
VRMS
2.83
V p-p
Output Impedance1
300
External Load Impedance1
10
kΩ
Output Capacitance1
15
pF
External Load Capacitance
1,000
pF
FULL-SCALE OUTPUT VOLTAGE: HP_OUT, LINE_OUT
1
VRMS
2.83
V p-p
Output Impedance1
1
External Load Impedance1
32
Output Capacitance1
15
pF
External Load Capacitance1
1,000
pF
VREF_FILT, AVDD = 5.0 V
2.050
2.250
2.450
V
AVDD = 3.3 V
1.125
V
VREF_OUT(MIC, C/LFE, LIN) (xVREF [2:0] = 001)
2.250
V
(xVREF [2:0] = 100, AVDD = 5.0 V)
3.700
V
(xVREF [2:0] = 100, AVDD = 3.3 V)
2.250
V
(xVREF [2:0] = 010)
0.0
V
Current Drive
5
mA
Mute Click (Muted Output, Unmuted Midscale DAC Output)
±5
mV
Table 10. Static Digital Specifications—AC ’97
Parameter
Min
Typ
Max
Unit
High Level Input Voltage (VIH), Digital Inputs
0.65 × DVDD
V
Low Level Input Voltage (VIL)
0.35 × DVDD
V
High Level Output Voltage (VOH), IOH = 2 mA
0.90 × DVDD
V
Low Level Output Voltage (VOL), IOL = 2 mA
0.10 × DVDD
V
Input Leakage Current
−10
10
µA
Output Leakage Current
−10
10
µA
Input/Output Pin Capacitance
7.5
pF


Número de pieza similar - AD1986

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986ABSTZ AD-AD1986ABSTZ Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986ABSTZ-REEL AD-AD1986ABSTZ-REEL Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986AJCP AD-AD1986AJCP Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986AJCP-RL AD-AD1986AJCP-RL Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
More results

Descripción similar - AD1986

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
   AC ??7 SoundMAX Codec
REV. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com