Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2795G Datasheet(PDF) 2 Page - Bel Fuse Inc.

No. de pieza 2795G
Descripción Electrónicos  HIGH FREQUENCY MAGNETICS Miniature Dual Turns Ratio Surface Mount Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BEL [Bel Fuse Inc.]
Página de inicio  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2795G Datasheet(HTML) 2 Page - Bel Fuse Inc.

  2795G Datasheet HTML 1Page - Bel Fuse Inc. 2795G Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
198 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
HIGH FREQUENCY MAGNETICS
©2000 Bel Fuse Inc. Specifications subject to change without notice. 07.00
TM00145
T1-100
Miniature Dual Turns Ratio Surface Mount Transformers
MECHANICAL
0.265
[6.73]
ref
A
65
4
12
3
Terminal 1 ID
0.020 [0.51]
0.073 [1.85]
A
0.240 [6.10] max
0.347
[8.80]
max
0.055
[1.40]
0.265
[6.73]
max
0.033 (0.84)
0.065
[1.65]
0.364
[9.25]
0.057
[1.45]
0.234
[5.95]
0.186
[4.72]
0.073 [1.85]
0.040 [1.02]
No metallization
or solder mask
in cross-hatched
designated area
Suggested PCB Pad Layout
Note: Unless otherwise specified, dimensions
are nominal and in inches [millimeters].
2795G
2795N
2795T
2795Y
Supplementary Information
Operating Temperature Range –40° C to +85° C
Safety Agency Compatibility
Underwriters Laboratories, Inc. UL 1459
Surge Voltage Capability
10/700 µs; 10 repetitions of alternating polarity
Metallic Voltage
2500 V peak generator output, 25
Ω generator resistance
Longitudinal Voltage
2500 V peak generator output, 25
Ω generator resistance
Flammability Compliance
IEC-695, 2-2 (needle flame test), materials are UL 94 VO approved
Qualification Compliance
Bellcore TR-TSY-000357-1(shock, vibration, temperature cycling, temperature-humidity-bias)
Simulation Model
SPICE computer simulation file available on request
Surface-Mount Packaging
Tape and Reel; 16 mm wide by 12 mm pitch; 13 inch OD; 4 inch ID
650 transformers per reel, maximum
Meets ANSI/EIA 481-2 Carrier Tape Standards—JEDEC SO package
Terminal Lead Coplanarity
0.004 inch [0.10 mm]
PWB Process Capability
Standard printed-wiring board assembly and cleaning techniques
Standard solder reflow techniques
Machine placement (recommendation: locate by terminals, not body)


Número de pieza similar - 2795G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NIHON DEMPA KOGYO
2795 NDK-2795 Datasheet
90Kb / 1P
   Crystal Clock Oscillator Two Frequencies-switching Type
logo
KR Electronics, Inc.
2795 KR-2795 Datasheet
48Kb / 2P
   32.5 MHz lowpass filter
logo
Heyco.
2795 HEYCO-2795 Datasheet
141Kb / 1P
   Glossy and Thick Panel Glossy Plugs
logo
Winchester Electronics ...
2795-303-9 WINCHESTER-2795-303-9 Datasheet
60Kb / 1P
   PLUG, THREADED, MDB
logo
PHOENIX CONTACT
2795931 PHOENIX-2795931 Datasheet
104Kb / 5P
   Surge protection device - TT-UK-R-F/ 48AC
More results

Descripción similar - 2795G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
2795AA BEL-2795AA Datasheet
46Kb / 2P
   HIGH FREQUENCY MAGNETICS Miniature Broadband Surface Mount Transformers
2771H BEL-2771H Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Ratio Surface Mount Transformer
2771B BEL-2771B Datasheet
52Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Transformers
2795M BEL-2795M Datasheet
55Kb / 2P
   HIGH FREQUENCY MAGNETICS DS3/E3/STS-1 Dual-ratio Surface Mount Transformer
2779C BEL-2779C Datasheet
54Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1Surface Mount Transformers
2771K BEL-2771K Datasheet
47Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Hardened Transformers
2795R BEL-2795R Datasheet
57Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
2795K BEL-2795K Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
S553-6500-E5 BEL-S553-6500-E5 Datasheet
86Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Transformers
S553-6500-89 BEL-S553-6500-89 Datasheet
31Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com