Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5390BCP-3 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD5390BCP-3
Descripción Electrónicos  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5390BCP-3 Datasheet(HTML) 5 Page - Analog Devices

  AD5390BCP-3 Datasheet HTML 1Page - Analog Devices AD5390BCP-3 Datasheet HTML 2Page - Analog Devices AD5390BCP-3 Datasheet HTML 3Page - Analog Devices AD5390BCP-3 Datasheet HTML 4Page - Analog Devices AD5390BCP-3 Datasheet HTML 5Page - Analog Devices AD5390BCP-3 Datasheet HTML 6Page - Analog Devices AD5390BCP-3 Datasheet HTML 7Page - Analog Devices AD5390BCP-3 Datasheet HTML 8Page - Analog Devices AD5390BCP-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Preliminary Technical Data
AD5378
Rev. PrA | Page 5 of 28
Parameter
A Version1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VCC
2.7/5.5
V min/max
VDD
8.5/16.5
V min/max
VSS
−3/−16.5
V min/max
Power Supply Sensitivity2
∆ Full Scale/∆ VDD
−75
dB typ
∆ Full Scale/∆ VSS
−75
dB typ
∆ Full Scale/∆ VCC
−90
dB typ
ICC
5
mA max
VCC = 5.5 V, VIH = VCC, VIL = GND
IDD
28
mA max
Outputs unloaded; typically 20 mA
ISS
23
mA max
Outputs unloaded; typically 15 mA
Power Dissipation
Power Dissipation Unloaded (P)
850
mW max
VDD = 16.5 V, VSS = −16.5 V
Power Dissipation Loaded (PTOTAL)
2000
mW max
PTOTAL = P + Σ(VDD − VO) × ISOURCE + Σ(VO − VSS) × ISINK
Junction Temperature
130
°C max
TJ = TA + PTOTAL × θJ3
1 Temperature range for the A version: −40°C to +85°C. Typical specifications are at 25°C.
2 Guaranteed by design and characterization; not production tested.
3 Where
θJ represents the package thermal impedance.
AC CHARACTERISTICS
VCC = 2.7 V to 5.5 V; VDD = 11.4 V to 16.5 V; VSS = −11.4 V to −16.5 V; VREF(+) = +5 V; VREF(−) = −3.5 V;
AGND = DGND = REFGND = 0 V; VBIAS = 5 V; CL = 220 pF; RL = 11 kΩ to 3 V; gain = 1; offset = 0 V.
Table 4.
Parameter
A Version1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
20
µs typ
Full-scale change to ±1/2 LSB
30
µs max
DAC latch contents alternately loaded with all 0s and
all 1s
Slew Rate
1
V/µs typ
Digital-to-Analog Glitch Energy
20
nV-s typ
Glitch Impulse Peak Amplitude
15
mV max
Channel-to-Channel Isolation
100
dB typ
VREF(+) = 2 V p-p, (1 VBIAS) 1 kHz, VREF(−) = −1 V
DAC-to-DAC Crosstalk
40
nV-s typ
See the Terminology section; between DACs inside a
group
10
nV-s typ
Between DACs from different groups
Digital Crosstalk
0.1
nV-s typ
Digital Feedthrough
1
nV-s typ
Effect of input bus activity on DAC output under test
Output Noise Spectral Density @ 1 kHz
350
nV/(Hz)1/2 typ
VREF(+) = VREF(−) = 0 V
1 Guaranteed by design and characterization; not production tested.


Número de pieza similar - AD5390BCP-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5390BCP-3 AD-AD5390BCP-3 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5390BCP-3 AD-AD5390BCP-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5390BCP-3-REEL AD-AD5390BCP-3-REEL Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5390BCP-3-REEL7 AD-AD5390BCP-3-REEL7 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
More results

Descripción similar - AD5390BCP-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5378 AD-AD5378_15 Datasheet
582Kb / 29P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
REV. A
AD5379 AD-AD5379_15 Datasheet
630Kb / 29P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. B
AD5379 AD-AD5379 Datasheet
393Kb / 28P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. 0
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com