Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S553-6500-C6 Datasheet(PDF) 1 Page - Bel Fuse Inc.

No. de pieza S553-6500-C6
Descripción Electrónicos  HIGH FREQUENCY MAGNETICS T1/E1 Miniature Octal Transformer Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BEL [Bel Fuse Inc.]
Página de inicio  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S553-6500-C6 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S553-6500-C6 Datasheet HTML 1Page - Bel Fuse Inc. S553-6500-C6 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
HIGH FREQUENCY MAGNETICS
©2001 Bel Fuse Inc. Specifications subject to change without notice. 09.01
TM01112
page 1
T1/E1 Miniature Octal Transformer Module
SCHEMATIC
ELECTRICAL SPECIFICATIONS at 25° C
S553-6500-C6
Optimized for PMC Sierra PM4354 Quad COMET
Eight transformers in one surface-mount package
Miniature octal 32-pin platform provides 33% area
reduction compared to standard octal package
Electrically identical to S553-6500-A7
Meets ITU-T G.703 return loss from -40° to +85° C
UL 1950 approved: file number E150991
Operating temperature range -40° to +85°C
Meets IEC 695, 2-2 flammability requirements
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: Shock, vibration, temperature cycling,
temperature - humidity - bias
Interwinding breakdown voltage: 1500 Vrms min
1. Terminated in 25.4
Ω for TX and 18.2 Ω for RX
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
z
H
k
0
1
t
a
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
z
H
M
1
t
a
R
C
D
x
a
m
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
z
H
k
2
0
1
t
a
s
s
o
L
n
r
u
t
e
R
0
2
1
n
o
i
t
a
c
i
l
p
p
A
1
e
n
i
L
:
C
I
n
i
m
H
µ
x
a
m
H
µ
e
d
i
S
C
I
e
d
i
S
e
n
i
L
g
n
i
d
n
i
W
o
t
g
n
i
d
n
i
W
C
°
5
2
p
y
t
B
d
C
°
5
8
+
o
t
0
4
-
n
i
m
B
d
X
T
X
R
X
T
X
R
X
T
X
R
X
T
X
R
X
T
X
R
X
T
X
R
X
T
X
R
6
C
-
0
0
5
6
-
3
5
5
S2
4
.
2
:
12
4
.
2
:
10
5
90
5
93
.
03
.
06
.
06
.
03
.
13
.
15
38
17
27
14
2
1
1 : 2.42
16
5
8
12
13
14
15
1 TXI+
1 TXI-
1 RXO+
1 RXO-
2 TXI+
2 TXI-
2 RXO+
2 RXO-
3 TXI+
3 TXI-
3 RXO+
3 RXO-
4 TXI+
4 TXI-
4 RXO+
4 RXO-
31
30
32
21
29
26
27
28
1 TXO+
1 TXO-
1 RXI+
1 RXI-
2 TXO+
2 TXO-
2 RXI+
2 RXI-
3 TXO+
3 TXO-
3 RXI+
3 RXI-
4 TXO+
4 TXO-
4 RXI+
4 RXI-
IC Side
Line Side
1 : 2.42
4
6
7
10
11
22
23
24
2
3
9
17
18
19
20
25
1 : 2.42
1 : 2.42
1 : 2.42
1 : 2.42
1 : 2.42
1 : 2.42


Número de pieza similar - S553-6500-C6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
S553-6500-C1 BEL-S553-6500-C1 Datasheet
122Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C4 BEL-S553-6500-C4 Datasheet
240Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C7 BEL-S553-6500-C7 Datasheet
245Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C8 BEL-S553-6500-C8 Datasheet
244Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C9 BEL-S553-6500-C9 Datasheet
69Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
More results

Descripción similar - S553-6500-C6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
S553-6500-E2 BEL-S553-6500-E2 Datasheet
104Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-D8 BEL-S553-6500-D8 Datasheet
101Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-F6 BEL-S553-6500-F6 Datasheet
72Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-F2 BEL-S553-6500-F2 Datasheet
115Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-D6 BEL-S553-6500-D6 Datasheet
105Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-D9 BEL-S553-6500-D9 Datasheet
107Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-C1 BEL-S553-6500-C1 Datasheet
122Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C7 BEL-S553-6500-C7 Datasheet
245Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C4 BEL-S553-6500-C4 Datasheet
240Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C8 BEL-S553-6500-C8 Datasheet
244Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com