Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S553-6500-D6 Datasheet(PDF) 2 Page - Bel Fuse Inc.

No. de pieza S553-6500-D6
Descripción Electrónicos  HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BEL [Bel Fuse Inc.]
Página de inicio  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S553-6500-D6 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  S553-6500-D6 Datasheet HTML 1Page - Bel Fuse Inc. S553-6500-D6 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
HIGH FREQUENCY MAGNETICS
©2001 Bel Fuse Inc. Specifications subject to change without notice. 09.01
TM01113
page 2
T1/E1 Octal Transformer Module
MECHANICAL
S553-6500-D6
Tape and Reel Packaging
44 mm wide by 24 mm pitch; 13 inch OD, 6 inch ID
200 modules per reel, maximum
Meets ANSI/EIA 481-2 Carrier Tape Standards - JEDEC SO Package
0.480
[12.19]
0.070
[1.78]
ref
1.100
[27.94]
max
0.050 [1.27]
0.020 ±0.002
[0.51 ±0.05]
0.070
[1.78]
0.050 [1.27]
0.030 [0.77]
0.645
[16.38]
Suggested PCB Pad Layout
0.950
[24.13]
0.212
[5.38]
ref
0.225
[5.72]
max
0.035
[0.89]
0.005
[0.13]
min
0˚- 5˚
ø0.005
[0.13]
ø0.015
[0.39]
0.600
[15.24]
0.004 [0.10]
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.005 [0.13] unless otherwise noted.


Número de pieza similar - S553-6500-D6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
S553-6500-D1 BEL-S553-6500-D1 Datasheet
82Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
S553-6500-D2 BEL-S553-6500-D2 Datasheet
82Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
S553-6500-D3-F BEL-S553-6500-D3-F Datasheet
62Kb / 2P
   MECHANICAL DRAWING S553-6500-D3-F
S553-6500-D4 BEL-S553-6500-D4 Datasheet
88Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
S553-6500-D4-F BEL-S553-6500-D4-F Datasheet
715Kb / 2P
   MECHANICAL OUTLINE
More results

Descripción similar - S553-6500-D6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
S553-6500-E2 BEL-S553-6500-E2 Datasheet
104Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-D8 BEL-S553-6500-D8 Datasheet
101Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-F6 BEL-S553-6500-F6 Datasheet
72Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-F2 BEL-S553-6500-F2 Datasheet
115Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-D9 BEL-S553-6500-D9 Datasheet
107Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-C1 BEL-S553-6500-C1 Datasheet
122Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C6 BEL-S553-6500-C6 Datasheet
244Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Octal Transformer Module
S553-6500-C7 BEL-S553-6500-C7 Datasheet
245Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C4 BEL-S553-6500-C4 Datasheet
240Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
S553-6500-C8 BEL-S553-6500-C8 Datasheet
244Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com