Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


742C163330GP Datasheet(Hoja de datos) 4 Page - CTS Corporation

No. de Pieza. 742C163330GP
Descripción  Chip Resistor Arrays
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CTS [CTS Corporation]
Página de inicio  http://www.ctscorp.com
Logo 

   
 4 page
background image
Recommended
tter
Land Pa
ns
E
nm
erformance Spec
DIM
N
/in
ENSIO S mm
SERIES
A
B
C
D
1.00
0.65
0.33
0.50
741X043
0.039
0.026
0.013
0.020
1.00
0.50
0.30
0.50
741X083
0.039
0.020
0.012
0.020
1.00
0.50
0.28
0.50
A
B
C
D
741C083
0.039
0.020
0.011
0.020
1.60
0.50
0.30
0.80
741X163
0.063
0.020
0.012
0.031
1.60
0.80
0.50
0.90
742
0.063
0.032
0.020
0.035
2.00
1.27
0.80
1.00
743
0.079
0.050
0.031
0.051
3.20
1.27
0.80
1.00
744
0.126
0.050
0.031
0.039
3.20
1.27
0.90
1.30
745
0.126
0.050
0.035
0.039
1.65
0.64
0.35
0.80
746
0.065
0.025
0.014
0.032
nviro
ental P
ifications
Max. Delta R
Test
741
742-746
Test Description
Thermal Cycle
1.00%
1.00%
5 Cycles -55°C to +125°C
Short Time Overload
2.50%
1.00%
2½ X
onds
R
c
ated Working Voltage for 5 Se
Moisture Resistance
5.00%
2.00%
240 Hours 1
, 90% R.H.
0% rated load, -10°C to +65°C
Hig
1.00%
1.00%
h Te
posure
mperature Ex
1000 Hours, no load, +125°C
Load Life
5.00%
2.00%
1000 Hours @ 70°C, rated load
Resistance to Solder Heat
2.50%
1.00%
10 Seconds @ 260°C solder
Resistance to Solvents
ol, Freon TMC
Isopropyl alcoh
Solderability
RMA Flux, 230°C, 5 Seconds dip, 95% coverage
Page 4 of 5
May 2006
CTS Electronic Components
www.ctscorp.com




Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CAT16Chip Resistor Arrays 1 2 3 4 Bourns Electronic Solutions
CAT25Thick Film Chip Resistor Arrays 1 2 Bourns Electronic Solutions
CAT16-F4CAT/CAY 16 Series-Chip Resistor Arrays 1 2 3 List of Unclassifed Manufacturers
EXB28VChip Resistor Array 1 2 3 4 5 MoreNais(Matsushita Electric Works)
KTR10Endured high voltage fixed thick film chip resistor 1 2 3 4 5 MoreRohm
PACDN1404CESD PROTECTION ARRAYS CHIP SCALE PACKAGE 1 2 3 California Micro Devices Corp
741C083THICK FILM CHIP RESISTORS ARRAYS 1 2 3 4 List of Unclassifed Manufacturers
RK73HPRECISION 0.5% 1% TOLERANCE THICK FILM CHIP RESISTOR 1 2 List of Unclassifed Manufacturers
PACDN1408CESD PROTECTION ARRAYS 8 CHANNEL CHIP SCALE PACKAGE 1 2 3 California Micro Devices Corp
S30RCenter Tap Chip Resistor 1 2 3 Vishay Siliconix

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl