Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


743C083560FP Datasheet(Hoja de datos) 2 Page - CTS Corporation

No. de Pieza. 743C083560FP
Descripción  Chip Resistor Arrays
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CTS [CTS Corporation]
Página de inicio  http://www.ctscorp.com
Logo 

   
 2 page
background image
Package Outlines
Concave Termination – Type C
Convex Termination – Type X
Page 2 of 5
May 2006
CTS Electronic Components
www.ctscorp.com
Dimensions: mm/inch
Part Code Configuration # Pads # Res. Circuit
L
W
P
T
A
B
C
D
741X043
0402 X 2
4
2
Isolated
1.00 ±0.10
.039 ±.004
0.65 ±0.10
.026 ±.004
0.33 ±0.10
.013 ±.004
741X083
0402 X 4
8
4
Isolated
0.30 ±0.15
.012 ±.006
741C083
0402 X 4
8
4
Isolated
2.00 ±0.10
.079 ±.004
1.00 ±0.10
.039 ±.004
0.35 ±0.10
.014 ±.004
0.28 ±0.10
.011 ±.004
0.15 ±0.10
.006 ±.004
0.38 Max.
.015 Max.
741X163
0402 X 8
16
8
Isolated
3.80 ±0.10
.150 ±.004
1.60 ±0.10
.063± .004
0.50 ±0.10
.020 ±.004
0.45 ±0.10
.018 ±.004
0.30 ±0.10
.012 ±.004
0.30 ±0.10
.012 ±.004
0.30 ±0.10
.012 ±.004
N/A
742C043
0603 X 2
4
2
Isolated
1.60 ±0.20
.063 ±.008
0.40 ±0.15
.016 ±.006
742X083
742C083
0603 X 4
8
4
Isolated
3.20 ±0.20
.126 ±.008
0.30 ±0.15
.012 ±.006
742C163
0603 X 8
16
8
Isolated
6.40 ±0.20
.252 ±.008
1.60 ±0.20
.063 ±.008
0.80 ±0.05
.032 ±.002
0.60 +0.10
-0.25
.024 +.004
-.010
0.50 ±0.15
.020 ±.006
0.30 ±0.20
.012 ±.008
0.40 ±0.15
.016 ±.006
N/A
743C043
0805 X 2
4
2
Isolated
2.54 ±0.20
.100 ±.008
743C083
0805 X 4
8
4
Isolated
5.08 ±0.30
.200 ±.012
2.00 ±0.20
.079 ±.008
1.27 ±0.05
.050 ±.002
0.60 ±0.10
.024 ±.004
0.80 ±0.10
.031 ±.006
0.40 ±0.20
.016 ±.008
0.40 ±0.15
.016 ±.006
N/A
744C043
1206 X 2
4
2
Isolated
2.54 ±0.20
.100 ±.008
744C083
1206 X 4
8
4
Isolated
5.08 ±0.30
.200 ±.012
3.20 ±0.20
.126 ±.008
1.27 ±0.05
.050 ±.002
0.60 ±0.10
.024 ±.004
0.80 ±0.10
.031 ±.006
0.50 ±0.20
.020 ±.008
0.50 ±0.15
.020 ±.006
N/A
745C101
745C102
10
8
Bussed
6.40 ±0.20
.252 ±.008
3.20 ±0.20
.126 ±.008
1.27 ±0.05
.050 ±.002
0.60 ±0.10
.024 ±.004
0.60 ±0.15
.024 ±.006
0.35 ±0.15
.013 ±.006
0.55 ±0.15
.022 ±.006
N/A
745X101
745X102
10
8
Bussed
6.40 ±0.20
.252 ±.008
3.20 ±0.20
.126 ±.008
1.27 ±0.05
.050 ±.002
0.60 ±0.10
.024 ±.004
0.90 ±0.15
.035 ±.006
0.50 ±0.20
.020 ±.008
0.50 ±0.15
.020 ±.006
1.10 ±0.15
.043 ±.006
746X101
10
8
Bussed
3.30 ±0.10
.130 ±.004
1.65 ±0.15
.065 ±.006
0.64 ±0.05
.025 ±.002
0.60 ±0.10
.024 ±.004
0.35 ±0.05
.014 ±.002
0.40 ±0.10
.016 ±.004
0.45 ±0.10
.018 ±.004
0.50 ±0.05
.020 ±.002
Termination Area(all places) W
L
P
A
B
T
C
D
Termination Area (all places)
W
B
A
L
P
T
C




Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CAT16Chip Resistor Arrays 1 2 3 4 Bourns Electronic Solutions
CAT25Thick Film Chip Resistor Arrays 1 2 Bourns Electronic Solutions
CAT16-F4CAT/CAY 16 Series-Chip Resistor Arrays 1 2 3 List of Unclassifed Manufacturers
EXB28VChip Resistor Array 1 2 3 4 5 MoreNais(Matsushita Electric Works)
KTR10Endured high voltage fixed thick film chip resistor 1 2 3 4 5 MoreRohm
PACDN1404CESD PROTECTION ARRAYS CHIP SCALE PACKAGE 1 2 3 California Micro Devices Corp
741C083THICK FILM CHIP RESISTORS ARRAYS 1 2 3 4 List of Unclassifed Manufacturers
RK73HPRECISION 0.5% 1% TOLERANCE THICK FILM CHIP RESISTOR 1 2 List of Unclassifed Manufacturers
PACDN1408CESD PROTECTION ARRAYS 8 CHANNEL CHIP SCALE PACKAGE 1 2 3 California Micro Devices Corp
S30RCenter Tap Chip Resistor 1 2 3 Vishay Siliconix

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl