Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME05-5S Datasheet(PDF) 2 Page - AIMTEC

No. de pieza AME05-5S
Descripción Electrónicos  5 watt encapsulated ac-dc converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AME05-5S Datasheet(HTML) 2 Page - AIMTEC

  AME05-5S Datasheet HTML 1Page - AIMTEC AME05-5S Datasheet HTML 2Page - AIMTEC AME05-5S Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
94
TO ORDER CALL 1-888-9-AIMTEC
AME05 Series
5 watt encapsulated ac-dc converter
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal Input voltage, full load and +25°C after warm-up time unless otherwise stated.
Specifications are subject to change without notification
Model No. (Dual Output)
AME05-5D
AME05-12D
AME05-15D
Max output wattage (W)
5W
5W
5W
Voltage
90 ... 260 VAC or 120 ... 370 VDC
Frequency (Hz)
47 ... 440 Hz
Current (Full Load)
110mA max. (115 VAC) / 70mA max. (230 VAC)
Input
Inrush Current (<2ms)
10 A max. (115 VAC) / 20 A max. (230VAC)
Leakage Current
0.75mA max.
External Fuse (recommended)
1.5 A slow blow type
Voltage (VDC)
±5V
±12V
±15V
Voltage Accuracy
±2%
Current (mA) max.
±500
±200
±160
Line Regulation (typ.)
±0.3%
Load Regulation (typ.)
±0.5%
Output
Minimum Load
0%
0%
3%
Maximum Capacitive Load
470-23,000m F depending on model
Noise
<0.5% Vout +50mV max (Vp-p)
Ripple
<0.2% Vout +40mV max (Vp-p)
Efficiency
72%
75%
75%
Hold-up Time
15 ms min.
Switching Frequency
100 kHz
Over Current Protection
Hiccup technique, auto-recovery
Protection
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Input-Output (VAC)
3000V
Isolation
Input-FG (VAC)
1500V
Outut-FG (VAC)
500V
Operating Temperature
-25°C ... +71°C
Storage Temperature
-40°C ... +85°C
Environment Temperature Coefficient
0.02% / °C
Humidity
95% RH
MTBF
>290,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.17 x 1.77 x 0.81 inches (55.0 x 45.0 x 20.5 mm)
Case Material
Plastic resin + Fiberglass (flammability to UL 94V-0)
Physical
Weight
80g
Cooling Method
Free air convection
Safety
Agency Approvals
cUL, CE
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 50082-1


Número de pieza similar - AME05-5S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
AME CUI-AME Datasheet
370Kb / 5P
   modular incremental encoder
logo
AIMTEC
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
AME1-12SBAZ AIMTEC-AME1-12SBAZ Datasheet
444Kb / 3P
   AC-DC Converter
More results

Descripción similar - AME05-5S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEL05 AIMTEC-AMEL05 Datasheet
307Kb / 2P
   5 watt encapsulated ac-dc converter
AME30 AIMTEC-AME30 Datasheet
417Kb / 3P
   30 watt encapsulated ac-dc converter
AME10 AIMTEC-AME10 Datasheet
364Kb / 3P
   10 watt encapsulated ac-dc converter
AME15 AIMTEC-AME15 Datasheet
401Kb / 3P
   15 watt encapsulated ac-dc converter
AMEL10 AIMTEC-AMEL10 Datasheet
300Kb / 2P
   10 watt encapsulated ac-dc converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ Datasheet
320Kb / 3P
   5 Watt | AC-DC Converter
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com